| Moteur de recherche de fiches techniques de composants électroniques |
|
P2CF-11 Fiches technique(PDF) 23 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
P2CF-11 Fiches technique(HTML) 23 Page - Omron Electronics LLC |
|
23 / 27 page ![]() 260 General-purpose Relays and Power Relays Sockets ■ PFA/P3G/P3GA Dimensions Dimensions Terminal arrangement/ Internal connections (top view) Mounting holes 8PFA Eight, M3.5 x 7 sems screws 81 max. Two, 4.5-dia. holes 24 max. 118 max. 51 max. Two, 4.5-dia. mounting holes Note: Track-mounting is avail- able. See page 245. 8PFA1 Eight, M3.5 x 7 sems screws 93 max. Two, 4.5-dia. holes 24 max. 130 max. 51 max. Dimensions Terminal arrangement/ Internal connections (top view) Mounting holes 11PFA Eleven, M3.5 x 7 sems screws 81 max. Two, 4.5-dia. holes 33.5 max. 118 max. 51 max. Note: Track-mounting is avail- able. See page 245. Two, M4 or 4.5-dia. holes 14PFA Fourteen, M3.5 x 7 sems screws 81 max. Two, 4.5-dia. holes 33.5 max. 118 max. 72 max. Note: Track-mounting is avail- able. See page 245. Two, M4 or 4.5-dia. holes |