| Moteur de recherche de fiches techniques de composants électroniques |
|
PLE08-0 Fiches technique(PDF) 9 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
PLE08-0 Fiches technique(HTML) 9 Page - Omron Electronics LLC |
|
9 / 27 page ![]() 246 General-purpose Relays and Power Relays Sockets Dimensions Note: All units are in millimeters unless otherwise indicated. ■ P2RF Dimensions Terminal arrangement/Internal connections (top view) Mounting holes (top view) P2RF-05 (One pole) Five, M3.5 x 8 71.5 max. 19.5 max. 54 max. 30 max. 4 dia. 4.2-dia. holes M3 (M3 x 16) or 3.5-dia. hole Note: Track-mounting is also possible. 9 P2RF-05-E (One pole) M3.5 screw 85.5 max. 3.5-dia. holes 59 max. 48 max. * When mounted on H3RN-1 @. 61 max. (80.9 max.)* Note: Figures in pa- rentheses are DIN standard numbers. Note: Track-mounting is also possible. M3 or 3.5-dia. holes 3.2-dia. holes P2RF-08 (Two poles) 71.5 max. 19.5 max. 30 max. 54 max. 4 dia. Eight, M3.5 x 8 Note: Track-mounting is also possible. 4.2-dia. holes M3 (M3 x 16) or 3.5-dia. hole 9 |