| Moteur de recherche de fiches techniques de composants électroniques |
|
PL08-Q Fiches technique(PDF) 21 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
PL08-Q Fiches technique(HTML) 21 Page - Omron Electronics LLC |
|
21 / 27 page ![]() 258 General-purpose Relays and Power Relays Sockets ■ PF Dimensions Dimensions Terminal arrangement/ Internal connections (top view) Mounting holes PF083A Eight, M3.5 x 7 sems screws 52 max. 4 33 41 max. 7 Two 4.2-dia. holes 4 35.4 2 21 max. 3.5 Note: Track-mounting is avail- able. See page 245. Two, M4 or 4.5-dia. holes 33 ±0.2 PF083A-E Eight, M3.5 x 7 sems 7 Two, 4.2-dia. holes 4 52 max. 23 33 41 max. 4 35.4 3.5 2 21 max. Two, M4 or two, 4.5-dia. holes 33 ±0.2 PF085A Eight, M3.5 x 7 sems screws 58 max. 4 7 Two 4.5-dia. holes 33 ±0.2 4 35.4 2 3.5 21.6 max. 1.1 40 max. Note: Track-mounting is avail- able. See page 245. Two, M4 or 4.5-dia. holes 33 ±0.2 PF113A Eight, M3.5 x 7 sems screws 52 max. Two 4.2-dia. holes 21 max. 41 max. Note: Track-mounting is avail- able. See page 245. Two, M4 or 4.5-dia. holes PF113A-E Eight, M3.5 x 7 sems Two, 4.2-dia. holes 52 max. 41 max. 21 max. |