| Moteur de recherche de fiches techniques de composants électroniques |
|
PI6050D Fiches technique(PDF) 13 Page - AMI SEMICONDUCTOR |
|
|
|||||||||||||||||||||||||||||
PI6050D Fiches technique(HTML) 13 Page - AMI SEMICONDUCTOR |
|
13 / 15 page ![]() PI6050 ____ D Data Sheet _____________________________________________________________________________________ Page 13 of 15, PI6050D_rev A, Revised 1-31-05 Figures 8 and 9 show the timing of the End of Scan Pulse (SI/SO), which comes out in line with the 324 th pixel for the 600 dpi mode and with the 668 th pixel for the 1200 dpi mode. The SO from the first sensor enters as the SI clock of the second and subsequent sensors; hence all subsequent sensors will start their register scan after each of the preceding sensors completes its scan. The last active pixel of each sensor is the 344 th pixel for the 600 dpi mode and 688th pixel for the 1200 dpi mode. SI / SO SI/SO Timing for 1200 dpi of first/second sensors Vout 667 671 669 668 670 673 672 674 Pixel 1 of second sensor 687 Last active pixel = pixel 688 685 686 1 688 2 3 CLK numbers include timing for 55 inactive pixels and 688 active pixels 1st CLK of second sensor 388 389 390 391 392 398 399 1 2 CLK Pixel 1 of second sensor 343 l = pixel 344 1 Last active pixe 341 342 344 2 3 CLK numbers include timing for 55 inactive pixels and 344 active pixels 1st CLK of second sensor 216 217 218 219 220 226 227 1 2 CLK SI / SO SI/SO Timing Vout for 600 dpi of first/second sensors 323 327 325 324 326 329 328 330 Figure 8. Timing of SI/SO Clock for the 600 dpi Mode. Figure 9. Timing of SI/SO Clock for the 1200 dpi Mode. |