| Moteur de recherche de fiches techniques de composants électroniques |
|
PL375-7 Fiches technique(PDF) 7 Page - Emerson Network Power |
|
|
|||||||||||||||||||||||||||||
PL375-7 Fiches technique(HTML) 7 Page - Emerson Network Power |
|
7 / 100 page ![]() 5 Mil-number Trompeter Number M49142/03-0001 PL75-7 M49142/03-0002 PL75-7 M49142/03-0005 305-0042-1 M49142/03-0007 PL75-9 M49142/03-0008 PL75-47 M49142/03-0009 PL75-60 M49142/03-0011 305-0811-1 M49142/03-0016 PL75MC213 M49142/03-0017 PL75MC-201 M49142/03-0101 PL75Y-7 M49142/03-0102 PL75Y-7 M49142/03-0105 305-0042Y-1 M49142/03-0107 PL75Y-9 M49142/03-0108 PL75Y-47 M49142/03-0109 PL75Y-60 M49142/03-0111 305-0811Y-1 M49142/03-0116 PL75MCY-213 M49142/03-0117 PL75MCY-201 M49142/03-0201 PL75S-7 M49142/03-0202 PL75S-7 M49142/03-0205 305-0042S-1 M49142/03-0207 PL75S-9 M49142/03-0208 PL75S-47 M49142/03-0209 PL75S-60 M49142/03-0211 305-0811S-1 M49142/03-0216 PL75MCS-213 M49142/03-0217 PL75MCS-201 M49142/04-0004 BJ76 M49142/04-0104 BJ76Y M49142/04-0204 BJ76S M49142/05-0001 BJ79-7 M49142/05-0002 BJ79-7 M49142/05-0006 305-0042-7 M49142/05-0007 BJ79-9 M49142/05-0008 BJ79-47 M49142/05-0009 BJ79-60 M49142/05-0011 305-0811-3 M49142/05-0016 BJ79MC-213 M49142/05-0017 BJ79MC-201 M49142/05-0101 BJ79Y-7 M49142/05-0102 BJ79Y-7 M49142/05-0106 305-0042Y-7 M49142/05-0107 BJ79Y-9 M49142/05-0108 BJ79Y-47 M49142/05-0109 BJ79Y-60 M49142/05-0111 305-0811Y-3 M49142/05-0116 BJ79MCY-213 M49142/05-0117 BJ79MCY-201 M49142/05-0201 BJ79S-7 M49142/05-0202 BJ79S-7 M49142/05-0206 305-0042S-7 M49142/05-0207 BJ79S-9 M49142/05-0208 BJ79S-47 M49142/05-0209 BJ79S-60 M49142/05-0211 305-0811S-3 M49142/05-0216 BJ79MCS-213 M49142/05-0217 BJ79MCS-201 Mil-number Trompeter Number M49142/06-0001 CJ70-7 M49142/06-0002 CJ70-7 M49142/06-0006 305-0042-4 M49142/06-0007 CJ70-47 M49142/06-0008 CJ70-9 M49142/06-0009 CJ70-60 M49142/06-0011 305-0811-2 M49142/06-0016 CJ70MC-213 M49142/06-0017 CJ70MC-201 M49142/06-0101 CJ70Y-7 M49142/06-0102 CJ70Y-7 M49142/06-0106 305-0042Y-4 M49142/06-0107 CJ70Y-47 M49142/06-0108 CJ70Y-9 M49142/06-0109 CJ70Y-60 M49142/06-0111 305-0811Y-2 M49142/06-0116 CJ70MCY-213 M49142/06-0117 CJ70MCY-201 M49142/06-0201 CJ70S-7 M49142/06-0202 CJ70S-7 M49142/06-0206 305-0042S-4 M49142/06-0207 CJ70S-47 M49142/06-0208 CJ70S-9 M49142/06-0209 CJ70S-60 M49142/06-0211 305-0811S-2 M49142/06-0216 CJ70MCS-213 M49142/06-0217 CJ70MCS-201 M49142/08-0001 PL375-7 M49142/08-0002 PL375-7 M49142/08-0005 305-0042-9 M49142/08-0006 PL375-47 M49142/08-0008 PL375-60 M49142/08-0010 305-0811-5 M49142/08-0011 305-0486-1 M49142/08-0016 PL375MC-213 M49142/08-0017 PL375MC-201 M49142/09-0001 BJ379-7 M49142/09-0002 BJ379-7 M49142/09-0006 BJ379-47 M49142/09-0007 305-0042-11 M49142/09-0009 BJ379-60 M49142/09-0011 305-0811-7 M49142/09-0012 305-0486-3 M49142/09-0016 BJ379MC-213 M49142/09-0017 BJ379MC-201 M49142/10-0001 BJ376 M49142/11-0001 CJ370-7 M49142/11-0002 CJ370-7 M49142/11-0006 CJ370-47 M49142/11-0007 305-0042-12 M49142/11-0009 CJ370-60 M49142/11-0011 305-0811-6 M49142/11-0012 305-0486-2 M49142/11-0016 CJ370MC-213 M49142/11-0017 CJ370MC-201 MIL-C-49142 Qualified Products List Trompeter has always been a leader in twinax connector design and development. This time we’ve designed a new connector style to meet the requirements of MIL-C-49142, Category G. What is Category G? It is the section of the MIL-Spec that requires tool crimping of the TRB (70) series connectors. We are also qualified to category A which is for wrench crimp TRB connectors. Twinax/Triax Connectors Twinax/Triax Connectors / 70/370 Series Connectors Qualified Parts List (QPL) to MIL-C-49142 Below is a list of qualified Trompeter products from the Defence Electronic Supply Center (DESC). QPL parts must be ordered by the MIL-Number. Many of Trompeter’s 70 Series concentric twinax connectors are QPL to MIL-C-49142. QPL versions are silver plated and can be ordered using the Government Designation part numbers listed. Corresponding standard nickel plated connectors can be ordered using the standard part numbers. |