| Moteur de recherche de fiches techniques de composants électroniques |
|
PL75MCS-201 Fiches technique(PDF) 70 Page - Emerson Network Power |
|
|
|||||||||||||||||||||||||||||
PL75MCS-201 Fiches technique(HTML) 70 Page - Emerson Network Power |
|
70 / 100 page ![]() 68 Notes: (1) = Center Conductor to Inner Braid (2) = Conductor to Shield (3) = Conductor to Conductor Twinax/Triax: Plenum/Halogen Free Cable Specs Twinax Triax Cable Designation TWCP-78-1 TWCP-78-2 TWCH-78-2 TWCP-124-2 TWCP-124-3 TWCP-124-5 TRCH-50-2 Description Plenum Plenum Halogen Free Plenum Plenum Plenum Halogen Free Impedance (Ohms) 78±3 78±3 78±3 124±4 124±4 124±5 50±2 Nominal outer dia. 0.150 0.242 0.242 0.245 0.205 0.325 0.245 Outer braid dia. 0.102 0.165 0.195 0.183 0.183 0.295 0.210 Core outer dia. 0.154 0.163 Dielectric outer dia. 0.041 0.072 .076 0.080 0.062 0.134 0.116 Inner braid outer dia. 0.043 0.146 Inner jacket outer dia. 0.175 Conductor outer dia. 0.021 0.037 0.037 0.024 0.024 0.048 0.037 Operating temperature range +125°C +125°C -30°C to +80°C +125°C -10°C to +75°C -10°C to +125°C -30°C to +80°C Minimum bend radius (in/ft.) 1.50 2.50 1.25 2.5 2.0 3.25 1.25 Max. Opr. VDC 2KV 2500 2500 6 KV Max. Opr. VAC (RMS) 1KV 1KV 1800 1800 2 KV Capacitance pf/ft. (Max) 19.6 (3) 18.6(3) 21.2(3) 11.5 12.0(3) 11.0(3) Cond. loop res. (Ohms/M ft.) 19.0 47.0 28.4 6.5(3) 10.5 Atten. dB/100 ft.: 1 MHz 2.00 .60 0.70 .50 0.60 .30 0.50 3 MHz 3.00 1.00 1.10 .85 0.90 .47 0.80 4 MHz 3.50 1.20 1.40 1.10 .64 0.90 5 MHz 4.00 1.40 1.55 1.10 1.20 .69 1.10 7 MHz 4.50 1.60 1.80 1.30 1.40 .79 1.30 10 MHz 5.30 2.00 2.20 1.60 1.60 .94 1.50 20 MHz 7.50 2.80 3.10 2.30 2.20 1.20 2.30 30 MHz 9.20 3.50 3.90 2.80 1.50 2.90 40 MHz 10.60 4.10 4.50 3.20 1.70 3.40 50 MHz 11.90 4.60 5.10 3.70 3.60 2.00 3.90 100 MHz 16.80 6.90 7.50 5.30 5.20 3.00 5.80 200 MHz 23.70 9.90 10.50 7.20 4.50 8.80 500 MHz 37.50 15.40 16.00 11.40 7.00 15.30 700 MHz 44.30 18.30 18.60 13.50 8.40 18.00 1 GHz 53.00 21.80 22.50 16.20 11.00 23.00 Shielded coverage 97% 95% 93% 93% 93% 93% 93% Twist per ft. 8.0 4.0 4.0 4.0 6.0 6.0 Appendix |
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |