| Moteur de recherche de fiches techniques de composants électroniques |
|
PL75S-60 Fiches technique(PDF) 60 Page - Emerson Network Power |
|
|
|||||||||||||||||||||||||||||
PL75S-60 Fiches technique(HTML) 60 Page - Emerson Network Power |
|
60 / 100 page ![]() 58 Adapter Circuitry Schematics Ordering Example: ADBJ20 - E1 - PL75 Conn #1 BJ20 Bnc Jack Schematic E1 Circuit Code Conn # 2 PL75 TRB Plug Custom Adapters Ordering Format Adapters indexed with a designated number are standard adapters, refer to page 46 for identifications. Adapters index with a “•” are custom adapters and may be ordered using the example below. For adapters not referenced contact customer service. Conn #1 Schematic Conn #2 C7 C6 2-Pin Twinax to 2-Pin Twinax C1 C2 C3 C4 C5 D8 Coax 2-Pin Twinax D1 D2 D3 D4 D5 D6 D7 Concentric Twinax/Triax to Concentric Twinax/Triax A1 A2 A4 A5 A3 A6 A7 A8 E1 E2 E3 E4 E5 Coax to Concentric Twinax/Triax 2-Pin Twinax to Concentric Twinax/Triax G1 G2 G3 G4 K1 K2 Coax to Coax K3 BLUE CENTER COND BLUE CENTER COND BLUE CENTER COND Patching Products / Adapters Circuitry Schematics |