| Moteur de recherche de fiches techniques de composants électroniques |
|
STISO621 Fiches technique(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STISO621 Fiches technique(HTML) 8 Page - STMicroelectronics |
|
8 / 21 page ![]() 5 Pin list Table 8. Pin description N. Name Type Function 1 VDD1 Supply Supply voltage side 1 2 RX1 Logic output Receive data side 1 3 TX1 Logic input Transmit data side 1 4 GND1 Ground Ground side 1 5 GND2 Ground Ground side 2 6 RX2 Logic output Receive data side 2 7 TX2 Logic input Transmit data side 2 8 VDD2 Supply Supply voltage side 2 STISO621 Pin list DS13394 - Rev 4 page 8/21 |