Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PL75-7 Fiches technique(PDF) 60 Page - Emerson Network Power

No de pièce PL75-7
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EMERSON-NETWORKPOWER [Emerson Network Power]
Site Internet  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL75-7 Fiches technique(HTML) 60 Page - Emerson Network Power

Back Button PL75-7 Datasheet HTML 56Page - Emerson Network Power PL75-7 Datasheet HTML 57Page - Emerson Network Power PL75-7 Datasheet HTML 58Page - Emerson Network Power PL75-7 Datasheet HTML 59Page - Emerson Network Power PL75-7 Datasheet HTML 60Page - Emerson Network Power PL75-7 Datasheet HTML 61Page - Emerson Network Power PL75-7 Datasheet HTML 62Page - Emerson Network Power PL75-7 Datasheet HTML 63Page - Emerson Network Power PL75-7 Datasheet HTML 64Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 100 page
background image
58
Adapter Circuitry Schematics
Ordering Example:
ADBJ20 - E1 - PL75
Conn #1
BJ20
Bnc Jack
Schematic
E1
Circuit Code
Conn # 2
PL75
TRB Plug
Custom Adapters Ordering Format
Adapters indexed with a designated number are standard adapters, refer to page 46 for identifications. Adapters index with a “•” are
custom adapters and may be ordered using the example below. For adapters not referenced contact customer service.
Conn #1
Schematic
Conn #2
C7
C6
2-Pin Twinax to
2-Pin Twinax
C1
C2
C3
C4
C5
D8
Coax 2-Pin Twinax
D1
D2
D3
D4
D5
D6
D7
Concentric Twinax/Triax to
Concentric Twinax/Triax
A1
A2
A4
A5
A3
A6
A7
A8
E1
E2
E3
E4
E5
Coax to Concentric
Twinax/Triax
2-Pin Twinax
to Concentric Twinax/Triax
G1
G2
G3
G4
K1
K2
Coax to Coax
K3
BLUE CENTER COND
BLUE CENTER COND
BLUE CENTER COND
Patching Products / Adapters
Circuitry Schematics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100