Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PI227 Fiches technique(PDF) 10 Page - AMI SEMICONDUCTOR

No de pièce PI227
Description  200DPI CIS Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMI [AMI SEMICONDUCTOR]
Site Internet  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI227 Fiches technique(HTML) 10 Page - AMI SEMICONDUCTOR

Back Button PI227 Datasheet HTML 2Page - AMI SEMICONDUCTOR PI227 Datasheet HTML 3Page - AMI SEMICONDUCTOR PI227 Datasheet HTML 4Page - AMI SEMICONDUCTOR PI227 Datasheet HTML 5Page - AMI SEMICONDUCTOR PI227 Datasheet HTML 6Page - AMI SEMICONDUCTOR PI227 Datasheet HTML 7Page - AMI SEMICONDUCTOR PI227 Datasheet HTML 8Page - AMI SEMICONDUCTOR PI227 Datasheet HTML 9Page - AMI SEMICONDUCTOR PI227 Datasheet HTML 10Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Mechanical Structure of the Module
The isometric sketch, Figure 5, of the housing shows the connector location, the
approximate overall dimensions and its general geometric layout of the module. It is not
intended for use as a design reference. The detailed drawing for the any of the
PI227/228/229 Module Mechanical Overview is available upon request.
Figure 5. PI227/228/229 Module Mechanical Overview
PAGE 10 OF 10 - PI227/228/229, 01-31-04
connector
PIN
1
232
SCAN
DIRECTION
END VIEW
22.0mm
THE SURFACE
OF THE GLASS
©2001- 04 Peripheral Imaging Corporation. Printed in USA. All rights reserved. Specifications
are subject to change without notice. Contents may not be reproduced in whole or in part without
the express prior written permission of Peripheral Imaging Corporation. Information furnished
herein is believed to be accurate and reliable. However, no responsibility is assumed by Peripheral
Imaging Corporation for its use nor for any infringement of patents or other rights granted by
implication or otherwise under any patent or patent rights of Peripheral Imaging Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10