| Moteur de recherche de fiches techniques de composants électroniques |
|
BTD5350EBPR Fiches technique(PDF) 16 Page - BASIC SEMICONDUCTOR |
|
|
|||||||||||||||||||||||||||||
BTD5350EBPR Fiches technique(HTML) 16 Page - BASIC SEMICONDUCTOR |
|
16 / 19 page ![]() www.basicsemi.com 16/19 Rev.0.3 Single-ChannelIsolatedGateDriver BTD5350x ± ± ± ± ± ± ± ± ( ±) ( ±) ± ± 65 °° ± °° ± 11.1.2SOW-8PackageIdentifier Note: 1) Legend unit: mm. SOLDERPASTEEXAMPLE This integrated circuit can be damaged by ESD.BASiC recommends that all integrated circuits be handled with appropriate precautions.Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure.Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. ElectrostaticDischargeCaution |