Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA1561 Fiches technique(PDF) 13 Page - NXP Semiconductors

No de pièce TDA1561
Description  2 x 23 W high efficiency car radio power amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1561 Fiches technique(HTML) 13 Page - NXP Semiconductors

Back Button TDA1561 Datasheet HTML 9Page - NXP Semiconductors TDA1561 Datasheet HTML 10Page - NXP Semiconductors TDA1561 Datasheet HTML 11Page - NXP Semiconductors TDA1561 Datasheet HTML 12Page - NXP Semiconductors TDA1561 Datasheet HTML 13Page - NXP Semiconductors TDA1561 Datasheet HTML 14Page - NXP Semiconductors TDA1561 Datasheet HTML 15Page - NXP Semiconductors TDA1561 Datasheet HTML 16Page - NXP Semiconductors TDA1561 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
1997 Aug 14
13
Philips Semiconductors
Preliminary specification
2
× 23 W high efficiency car radio power
amplifier
TDA1561Q
handbook, full pagewidth
MGK183
Mode
gnd
m
s
s
Vp
GND
In2
In1
sgnd
m
Out1
Out2
86.36
43.18
Fig.8 PCB layout (soldering side) for the application of Fig.6.
Dimensions in mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24