Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

APTDF100H20G Fiches technique(PDF) 4 Page - Microsemi Corporation

No de pièce APTDF100H20G
Description  Diode Full Bridge Power Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTDF100H20G Fiches technique(HTML) 4 Page - Microsemi Corporation

  APTDF100H20G Datasheet HTML 1Page - Microsemi Corporation APTDF100H20G Datasheet HTML 2Page - Microsemi Corporation APTDF100H20G Datasheet HTML 3Page - Microsemi Corporation APTDF100H20G Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
APTDF100H20G
www.microsemi.com
4 - 4
SP4 Package outline (dimensions in mm)
ALL DIMENSIONS MARKED " * " ARE TOLERENCED AS :
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.



Html Pages

1 2 3 4