| Moteur de recherche de fiches techniques de composants électroniques |
|
PMDR-BLK. Fiches technique(PDF) 1 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
PMDR-BLK. Fiches technique(HTML) 1 Page - PANDUIT CORP. |
|
|
1 / 1 page ![]() ELECTRICAL SOLUTIONS Order number of pieces required, in multiples of Standard Package Quantity. Prime items appear in BOLD. B2. Cable Accessories C1. Wiring Duct C3. Abrasion Protection C4. Cable Management D1. Terminals D2. Power Connectors E1. Labeling Systems E2. Labels E3. Pre-Printed & Write-On Markers F. Index B3. Stainless Steel Ties C2. Surface Raceway E5. Lockout/ Tagout & Safety Solutions B1. Cable Ties A. System Overview D3. Grounding Connectors E4. Permanent Identification Pre-Printed Marker Tape Refills Part Number Legend Roll Length Rolls Per Legend Per Pkg. Std. Pkg. Roll(s) Std. Ctn. Roll(s) Ft. m PMDR-0-9 0 thru 9 thru 90 thru 99 8.0 2.4 10 110 thru PMDR-90-99 PMDR-0 0 thru 9 10 100 thru PMDR-9 PMDR-A A thru Z 10 100 thru PMDR-Z PMDR-L1 L1 thru L3 10 100 thru PMDR-L3 PMDR-T1 T1 thru T3 10 100 thru PMDR-T3 PMDR-GRS Ground symbol 8.0 2.4 10 10 100 PMDR-MIN Minus symbol 10 100 PMDR-PLS Plus symbol 10 100 PMDR-BLK Black 10 100 PMDR-BL Light Blue 10 100 PMDR-BRN Brown 10 100 PMDR-GRN Light Green 10 100 PMDR-GRY Gray 10 100 PMDR-ORN Orange 10 100 PMDR-PUR Purple 10 100 PMDR-RED Red 10 100 PMDR-WHT White 10 100 PMDR-YEL Yellow 10 100 PMDR-NEMA One of each of the NEMA colors featured above 11 10 |
Numéro de pièce similaire - PMDR-BLK. |
|
Description similaire - PMDR-BLK. |