| Moteur de recherche de fiches techniques de composants électroniques |
|
PFX-2 Fiches technique(PDF) 1 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
PFX-2 Fiches technique(HTML) 1 Page - PANDUIT CORP. |
|
|
1 / 1 page ![]() www.panduit.com For service and technical support, call 866-405-6654 (outside the U.S. and Canada, see catgalog back cover). A. System Overview B. Copper Systems C. Fiber Optic Systems D. Power over Ethernet E. Zone Cabling F. Wireless G. Outlets H. Media Distribution I. Physical Infrastructure Management J. Overhead & Underfloor Routing K. Surface Raceway L. Cabinets, Racks & Cable Management M. Grounding & Bonding N. Industrial O. Labeling & Identification P. Cable Management Accessories Q. Index PHYSICAL INFRASTRUCTURE SYSTEMS Pan-Ty ® Marker and Flag Ties – Nylon 6.6 • Used to fasten and identify bundles at the same time • One-piece construction for consistent performance and reliability • Can be marked with Panduit marker pens or custom imprinted using Panduit Custom Hot Stamping Service (see page P.43) • Curved tip is easy to pick up from flat surfaces and allows faster initial threading to speed installation Part Number Marker Type Length Width Thickness Marker Write-On Area Max. Bundle Dia. Min. Loop Tensile Str. Recommended Installation Tool Std. Pkg. Qty. Std. Ctn. Qty. In. mm In. mm In. mm In. mm In. mm Lbs. N Miniature Cross Section PLF1M-C Flag 4.3 109 .098 2.5 .045 1.1 .31 x .75 7.9 x 19.1 .87 22 18 80 GTS, GTSL, GS2B, PTS, PPTS, STS2 100 1000 PLF1MA-C Flag 5.1 130 .098 2.5 .045 1.1 .76 x 1.04 19.1 x 26.4 .87 22 18 80 100 1000 PLF1MB-C Flag 4.0 101 .098 2.5 .045 1.1 .31 x .92 7.9 x 23.4 .75 19 18 80 100 1000 PLF1MC-M Flag 4.3 109 .098 2.5 .045 1.1 2.5 7.9 x 19.1 .87 22 18 80 100 1000 PLM1M-C Wrap 3.9 99 .098 2.5 .035 .9 .26 x .95 6.6 x 24.1 .75 19 18 80 100 1000 PLM2M-C Wrap 8.0 203 .098 2.5 .035 .9 .26 x .95 6.6 x 24.1 2.00 51 18 80 100 1000 Standard Cross Section PLM2S-C Wrap 7.4 188 .185 4.7 .052 1.3 .44 x .87 11.1 x 22.1 1.75 45 50 222 GTS, GTSL, GS2B, GTH, GS4H, PTS, PTH, PPTS, STS2, STH2 100 1000 PLM4S-C Wrap 14.6 371 .185 4.7 .052 1.3 .44 x 2.00 11.1 x 50.8 4.00 102 50 222 100 1000 PL2M2S-L Wrap 7.4 188 .185 4.7 .052 1.3 .87 x 1.07 22.1 x 27.2 1.75 45 50 222 50 500 PL3M2S-L Wrap 7.4 188 .185 4.7 .052 1.3 .87 x 1.79 22.1 x 45.5 1.75 45 50 222 50 500 Permanent Marking Pens • Fast drying, permanent ink for identification on marker ties shown above PFX-0 PFX-2 Part Number Color Description Std. Pkg. Qty. Std. Ctn. Qty. PX-0 Black Permanent marking pen – regular tip. 12 144 PX-2 Red Permanent marking pen – regular tip. 12 144 PFX-0 Black Permanent marking pen – fine tip. 12 144 PFX-2 Red Permanent marking pen – fine tip. 12 144 PX-0 PX-2 |
Numéro de pièce similaire - PFX-2 |
|
Description similaire - PFX-2 |