Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PLF1MA-C Fiches technique(PDF) 1 Page - PANDUIT CORP.

No de pièce PLF1MA-C
Description  Marker and Flag Ties – Nylon 6.6
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANDUIT [PANDUIT CORP.]
Site Internet  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PLF1MA-C Fiches technique(HTML) 1 Page - PANDUIT CORP.

  PLF1MA-C Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.panduit.com
For service and technical support, call 866-405-6654 (outside the U.S. and Canada, see
catgalog back cover).
A.
System
Overview
B.
Copper
Systems
C.
Fiber
Optic
Systems
D.
Power
over
Ethernet
E.
Zone
Cabling
F.
Wireless
G.
Outlets
H.
Media
Distribution
I.
Physical
Infrastructure
Management
J.
Overhead &
Underfloor
Routing
K.
Surface
Raceway
L.
Cabinets,
Racks &
Cable
Management
M.
Grounding &
Bonding
N.
Industrial
O.
Labeling &
Identification
P.
Cable
Management
Accessories
Q.
Index
PHYSICAL INFRASTRUCTURE SYSTEMS
Pan-Ty ® Marker and Flag Ties – Nylon 6.6
• Used to fasten and identify bundles at the same time
• One-piece construction for consistent performance
and reliability
• Can be marked with Panduit marker pens or custom
imprinted using Panduit Custom Hot Stamping Service
(see page P.43)
• Curved tip is easy to pick up from flat surfaces and allows
faster initial threading to speed installation
Part Number
Marker
Type
Length
Width
Thickness
Marker
Write-On Area
Max.
Bundle
Dia.
Min. Loop
Tensile
Str.
Recommended
Installation
Tool
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
In.
mm
In.
mm
In.
mm
In.
mm Lbs.
N
Miniature Cross Section
PLF1M-C
Flag
4.3
109 .098
2.5
.045
1.1
.31 x .75
7.9 x 19.1
.87
22
18
80
GTS, GTSL,
GS2B, PTS,
PPTS, STS2
100
1000
PLF1MA-C
Flag
5.1
130 .098
2.5
.045
1.1
.76 x 1.04 19.1 x 26.4
.87
22
18
80
100
1000
PLF1MB-C
Flag
4.0
101 .098
2.5
.045
1.1
.31 x .92
7.9 x 23.4
.75
19
18
80
100
1000
PLF1MC-M
Flag
4.3
109 .098
2.5
.045
1.1
2.5
7.9 x 19.1
.87
22
18
80
100
1000
PLM1M-C
Wrap
3.9
99
.098
2.5
.035
.9
.26 x .95
6.6 x 24.1
.75
19
18
80
100
1000
PLM2M-C
Wrap
8.0
203 .098
2.5
.035
.9
.26 x .95
6.6 x 24.1
2.00
51
18
80
100
1000
Standard Cross Section
PLM2S-C
Wrap
7.4
188 .185
4.7
.052
1.3
.44 x .87
11.1 x 22.1 1.75
45
50
222
GTS, GTSL,
GS2B, GTH,
GS4H, PTS,
PTH, PPTS,
STS2, STH2
100
1000
PLM4S-C
Wrap
14.6 371 .185
4.7
.052
1.3
.44 x 2.00 11.1 x 50.8 4.00 102
50
222
100
1000
PL2M2S-L
Wrap
7.4
188 .185
4.7
.052
1.3 .87 x 1.07 22.1 x 27.2 1.75
45
50
222
50
500
PL3M2S-L
Wrap
7.4
188 .185
4.7
.052
1.3 .87 x 1.79 22.1 x 45.5 1.75
45
50
222
50
500
Permanent Marking Pens
• Fast drying, permanent ink for identification on marker ties shown above
PFX-0
PFX-2
Part Number
Color
Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
PX-0
Black
Permanent marking pen – regular tip.
12
144
PX-2
Red
Permanent marking pen – regular tip.
12
144
PFX-0
Black
Permanent marking pen – fine tip.
12
144
PFX-2
Red
Permanent marking pen – fine tip.
12
144
PX-0
PX-2


Numéro de pièce similaire - PLF1MA-C

FabricantNo de pièceFiches techniqueDescription
logo
PANDUIT CORP.
PLF1MA-C PANDUIT-PLF1MA-C Datasheet
296Kb / 11P
Material & Color Availability Chart
PLF1MA-C PANDUIT-PLF1MA-C Datasheet
235Kb / 5P
Pan-Ty® Marker and Flag Ties
PLF1MA-C3 PANDUIT-PLF1MA-C3 Datasheet
42Kb / 3P
Marker Tie, Flag, 5.1", Miniature cross section
PLF1MA-C4Y PANDUIT-PLF1MA-C4Y Datasheet
43Kb / 3P
Marker Tie, Flag, 5.1", Miniature cross section
More results

Description similaire - PLF1MA-C

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
481-0102UV ETC2-481-0102UV Datasheet
115Kb / 2P
Nylon Cable Ties
561-N3515 ETC2-561-N3515 Datasheet
179Kb / 2P
Nylon Wire Cable Ties
logo
PANDUIT CORP.
SST4I-C PANDUIT-SST4I-C Datasheet
87Kb / 1P
Sta-Strap 짰 Cable Ties . Nylon 6.6
logo
Tripp Lite. All Rights ...
P35207N100 TRIPPLITE-P35207N100 Datasheet
516Kb / 1P
7.5 Nylon Cable Ties - 100-Pack
logo
PANDUIT CORP.
PRLWP30S-D30 PANDUIT-PRLWP30S-D30 Datasheet
96Kb / 2P
Ladder Style Releasable Wing Push Mount Ties ??Heat Stabilized Nylon 6.6
logo
OEN India Limited
04-0530MHX OENINDIA-04-0530MHX Datasheet
47Kb / 1P
Mounting Hole Nylon Cable Ties
04-0550RLX OENINDIA-04-0550RLX Datasheet
49Kb / 1P
Releasable Nylon Cable Ties
04-0750PMX OENINDIA-04-0750PMX Datasheet
74Kb / 1P
Push Mount Nylon Cable Ties
logo
Tripp Lite. All Rights ...
P352-07N-100 TRIPPLITE-P352-07N-100 Datasheet
174Kb / 2P
7.5 Nylon Cable Ties - 100-Pack
logo
List of Unclassifed Man...
3907 ETC-3907 Datasheet
163Kb / 1P
Heyco짰 Nytye짰 Push Mount Nylon Cable Ties
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com