| Moteur de recherche de fiches techniques de composants électroniques |
|
PCBANDBL-Q Fiches technique(PDF) 1 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
PCBANDBL-Q Fiches technique(HTML) 1 Page - PANDUIT CORP. |
|
|
1 / 1 page ![]() www.panduit.com For service and technical support, call 866-405-6654 (outside the U.S. and Canada, see catalog back cover). A. System Overview B. Copper Systems C. Fiber Optic Systems D. Power over Ethernet E. Zone Cabling F. Wireless G. Outlets H. Media Distribution I. Physical Infrastructure Management J. Overhead & Underfloor Routing K. Surface Raceway L. Cabinets, Racks & Cable Management M. Grounding & Bonding N. Industrial O. Labeling & Identification P. Cable Management Accessories Q. Index PHYSICAL INFRASTRUCTURE SYSTEMS Thermal Transfer Marker Plates • Non-adhesive marker plates offer crisp, clear legends with superior legibility • Attachable in a horizontal or vertical orientation • Available in a variety of colors and sizes • Use with Panduit RMR4BL resin thermal transfer ribbon Patch Cord Color Bands • Removable band snaps on and off individual cables allowing the same patch cord to be used for different applications • Can be installed next to each other allowing multiple color bands to be used on one cable, offering endless color-coding options • Internal grooves secure color bands in place on cable providing easy identification at the connection • Available in 10 standard colors that match Panduit connectivity providing an aesthetically pleasing solution • Compatible with all Panduit patch cords, existing and new installations can be color-coded as networks change Patch cords available on pages B.14, B.21, B.30, B.42, B.46 of SA-NCCB51. Part Number Part Description Width Height Print-On Area Width Labels Per Roll Std. Pkg. Qty. Std. Ctn. Qty. In. mm In. mm In. mm M300X100Y6T Yellow, thermal transfer marker plate. 3.00 76.20 1.00 25.40 1.80 45.70 500 1 4 M300X100Y7T White, thermal transfer marker plate. 3.00 76.20 1.00 25.40 1.80 45.70 500 1 4 M300X050Y6T Yellow, thermal transfer marker plate. 3.00 76.20 .50 12.70 1.80 45.70 500 1 4 M300X050Y7T White, thermal transfer marker plate. 3.00 76.20 .50 12.70 1.80 45.70 500 1 4 M200X100Y6T Yellow, thermal transfer marker plate. 2.00 50.80 1.00 25.40 .80 20.30 500 1 4 M200X100Y7T White, thermal transfer marker plate. 2.00 50.80 1.00 25.40 .80 20.30 500 1 4 M200X050Y6T Yellow, thermal transfer marker plate. 2.00 50.80 .50 12.70 1.07 27.30 500 1 4 M200X050Y7T White, thermal transfer marker plate. 2.00 50.80 .50 12.70 1.07 27.30 500 1 4 Part Number Part Description Color Std. Pkg. Qty. PCBANDBL-Q Snaps onto individual patch cable for additional color coding. Black 25 PCBANDBU-Q Blue 25 PCBANDWH-Q White 25 PCBANDEI-Q Electric Ivory 25 PCBANDIG-Q International Gray 25 PCBANDOR-Q Orange 25 PCBANDRD-Q Red 25 PCBANDGR-Q Green 25 PCBANDYL-Q Yellow 25 PCBANDVL-Q Violet 25 |
Numéro de pièce similaire - PCBANDBL-Q |
|
Description similaire - PCBANDBL-Q |