Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CT310 Fiches technique(PDF) 11 Page - Allegro MicroSystems

No de pièce CT310
Description  XtremeSense™ 2D TMR Angle Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALLEGRO [Allegro MicroSystems]
Site Internet  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

CT310 Fiches technique(HTML) 11 Page - Allegro MicroSystems

Back Button CT310 Datasheet HTML 7Page - Allegro MicroSystems CT310 Datasheet HTML 8Page - Allegro MicroSystems CT310 Datasheet HTML 9Page - Allegro MicroSystems CT310 Datasheet HTML 10Page - Allegro MicroSystems CT310 Datasheet HTML 11Page - Allegro MicroSystems CT310 Datasheet HTML 12Page - Allegro MicroSystems CT310 Datasheet HTML 13Page - Allegro MicroSystems CT310 Datasheet HTML 14Page - Allegro MicroSystems CT310 Datasheet HTML 15Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
XtremeSense™ 2D TMR Angle Sensor
CT310
11
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Figure 20: DFN-8 Package Drawing
NOTES:
1. The terminal #1 identifier is a laser marked feature.
Table 3: CT310 DFN-8 Package Dimensions
Symbol
Dimensions in Millimeters (mm)
Min.
Typ.
Max.
A
0.40
0.45
0.50
A1
0.00
0.02
0.05
b
0.15
0.20
0.25
c
–
0.150 REF
–
D
1.925
2.000
2.075
D2
1.550
1.600
1.650
E
1.925
2.000
2.075
E2
0.700
0.750
0.800
e
–
0.500
–
L 4
0.325
0.375
0.425
L1 4
–
0.075
–
L3 4
0.250
0.300
0.350
y
0.000
–
0.075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15