| Moteur de recherche de fiches techniques de composants électroniques |
|
RT7204E Fiches technique(PDF) 14 Page - Richtek Technology Corporation |
|
|
|||||||||||||||||||||||||||||
RT7204E Fiches technique(HTML) 14 Page - Richtek Technology Corporation |
|
14 / 45 page ![]() RT7204E F Copyright © 2024 Richtek Technology Corporation. All rights reserved. is a registered trademark of Richtek Technology Corporation. www.richtek.com RT7204E_DS-00 May 2024 14 13 Typical Application Circuit (Note 7) + + + Note 7 . 1. The selection of resistors R1, R2, R3, and capacitors C1, C3, and C4 should be based on the feedback compensation design requirements of the closed-loop power stage. 2. The R4 is an optional component for VIN detection. If used, it is recommended to select a resistor with a tolerance of 1%. 3. The value of resistor R5 is determined by the desired turn-on and turn-off speed for power path. |