Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5679 Fiches technique(PDF) 32 Page - Analog Devices

No de pièce AD5679
Description  16-Channel, 12-/16-Bit nanoDAC with 2 ppm/°C Voltage Reference Temperature Coefficient, SPI Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5679 Fiches technique(HTML) 32 Page - Analog Devices

Back Button AD5679 Datasheet HTML 24Page - Analog Devices AD5679 Datasheet HTML 25Page - Analog Devices AD5679 Datasheet HTML 26Page - Analog Devices AD5679 Datasheet HTML 27Page - Analog Devices AD5679 Datasheet HTML 28Page - Analog Devices AD5679 Datasheet HTML 29Page - Analog Devices AD5679 Datasheet HTML 30Page - Analog Devices AD5679 Datasheet HTML 31Page - Analog Devices AD5679 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
AD5674/AD5674R/AD5679/AD5679R
Data Sheet
Rev. B | Page 32 of 32
OUTLINE DIMENSIONS
Figure 72. 28-Lead Lead Frame Chip Scale Package [LFCSP]
4 mm × 4 mm Body and 0.95 mm Package Height
(CP-28-9)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2, 3
Resolution
Temperature
Range
Reset Value
Package Description
Package
Option
AD5674BCPZ-1
12-bits
−40°C to +125°C
Zero scale
28-Lead LFCSP
CP-28-9
AD5674BCPZ-1-RL7
12-bits
−40°C to +125°C
Zero scale
28-Lead LFCSP
CP-28-9
AD5674RBCPZ-1
12-bits
−40°C to +125°C
Zero scale
28-Lead LFCSP
CP-28-9
AD5674RBCPZ-1-RL7
12-bits
−40°C to +125°C
Zero scale
28-Lead LFCSP
CP-28-9
AD5674RBCPZ-2
12-bits
−40°C to +125°C
Midscale
28-Lead LFCSP
CP-28-9
AD5674RBCPZ-2-RL7
12-bits
−40°C to +125°C
Midscale
28-Lead LFCSP
CP-28-9
AD5679BCPZ-1
16-bit
−40°C to +125°C
Zero scale
28-Lead LFCSP
CP-28-9
AD5679BCPZ-1-RL7
16-bit
−40°C to +125°C
Zero scale
28-Lead LFCSP
CP-28-9
AD5679RBCPZ-1
16-bit
−40°C to +125°C
Zero scale
28-Lead LFCSP
CP-28-9
AD5679RBCPZ-1-RL7
16-bit
−40°C to +125°C
Zero scale
28-Lead LFCSP
CP-28-9
AD5679RBCPZ-2
16-bit
−40°C to +125°C
Midscale
28-Lead LFCSP
CP-28-9
AD5679RBCPZ-2-RL7
16-bit
−40°C to +125°C
Midscale
28-Lead LFCSP
CP-28-9
EVAL-AD5679RSDZ
AD5679R Evaluation
Board
1
Z = RoHS Compliant Part.
2
The EVAL-SDP-CB1Z is used in conjunction with the EVAL-AD5679RSDZ.
3
The EVAL-AD5679RSDZ is compatible with all models of the AD5674/AD5674R/AD5679/AD5679R.
I2C refers to a communications protocol originally developed by Philips Semiconductors (now NXP Semiconductors).
2.70
2.60 SQ
2.50
1.00
0.95
0.90
TOP VIEW
SIDE VIEW
BOTTOM VIEW
1
0.40
BSC
28
8
14
15
21
22
7
0.45
0.40
0.35
0.05 MAX
0.02 NOM
0.20 REF
COPLANARITY
0.08
0.25
0.20
0.15
COMPLIANT
TO JEDEC STANDARDS MO-220-VGGE
4.10
4.00 SQ
3.90
0.20 MIN
SEATING
PLANE
EXPOSED
PAD
P IN 1
IN D IC AT O R AR E A OP T IO N S
(SEE DETAIL A)
DETAIL A
(JEDEC 95)
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
PIN 1
INDICATOR
AREA
©2019 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D17326-0-12/19(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com