| Moteur de recherche de fiches techniques de composants électroniques |
|
CLM4B-RKW-AKW Fiches technique(PDF) 4 Page - Cree LED |
|
|
|||||||||||||||||||||||||||||
CLM4B-RKW-AKW Fiches technique(HTML) 4 Page - Cree LED |
|
4 / 9 page ![]() CLM4B-RKW/AKW: PLCC4 1 IN 1 SMD LED © 2021-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo and the Cree LED logo are registered trademarks of Cree LED. CLD-CT1087 REV 7 4 ORDER CODE TABLE Color Kit Number Luminous Intensity (mcd) Dominant Wavelength Min. Max. Color Bin Min. (nm) Color Bin Max. (nm) Red CLM4B-RKW-CWaXbAA3 1120 2800 RA 618 RA 630 Red CLM4B-RKW-CWbXbAA3 1400 2800 RA 618 RA 630 Color Kit Number Luminous Intensity (mcd) Dominant Wavelength Min. Max. Color Bin Min. (nm) Color Bin Max. (nm) Amber CLM4B-AKW-CWaXb263 1120 2800 A2 584 A6 599 Amber CLM4B-AKW-CWbXb353 1400 2800 A3 587 A5 596 Notes: • The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one intensity-bin code and one color-bin code will be shipped on each bulk. Single intensity-bin code and single color-bin codes will not be orderable. • Please refer to the HB LED Lamp Reliability Test Standards document for reliability test conditions. • Please refer to the HB LED Lamp Soldering & Handling document for information about how to use this LED product safely. |