Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CLM4B-BKB-GKB Fiches technique(PDF) 4 Page - Cree LED

No de pièce CLM4B-BKB-GKB
Description  REV 6
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CREELED [Cree LED]
Site Internet  https://www.cree-led.com/
Logo CREELED - Cree LED

CLM4B-BKB-GKB Fiches technique(HTML) 4 Page - Cree LED

  CLM4B-BKB-GKB Datasheet HTML 1Page - Cree LED CLM4B-BKB-GKB Datasheet HTML 2Page - Cree LED CLM4B-BKB-GKB Datasheet HTML 3Page - Cree LED CLM4B-BKB-GKB Datasheet HTML 4Page - Cree LED CLM4B-BKB-GKB Datasheet HTML 5Page - Cree LED CLM4B-BKB-GKB Datasheet HTML 6Page - Cree LED CLM4B-BKB-GKB Datasheet HTML 7Page - Cree LED CLM4B-BKB-GKB Datasheet HTML 8Page - Cree LED CLM4B-BKB-GKB Datasheet HTML 9Page - Cree LED  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CLM4B-BKB/GKB: PLCC4 1 IN 1 SMD LED
© 2021-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo and the Cree LED logo are registered
trademarks of Cree LED.
CLD-CT1302
REV 6
4
ORDER CODE TABLE
Color
Kit Number
Luminous Intensity (mcd)
Dominant Wavelength
Min.
Max.
Color Bin
Min. (nm)
Color Bin
Max. (nm)
Blue
CLM4B-BKB-CUaVa353
450
900
B3
460
B5
475
Blue
CLM4B-BKB-CUbVa453
560
900
B4
465
B5
475
Color
Kit Number
Luminous Intensity (mcd)
Dominant Wavelength
Min.
Max.
Color Bin
Min. (nm)
Color Bin
Max. (nm)
Green
CLM4B-GKB-CXbYb793
2240
4500
G7
520
G9
535
Green
CLM4B-GKB-CYaYb793
2800
4500
G7
520
G9
535
Notes:
•
The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one intensity-bin code and one color-bin
code will be shipped on each bulk. Single intensity-bin code and single color-bin codes will not be orderable.
•
Please refer to the
HB LED Lamp Reliability Test Standards document for reliability test conditions.
•
Please refer to the
HB LED Lamp Soldering & Handling document for information about how to use this LED product safely.



Html Pages

1 2 3 4 5 6 7 8 9