| Moteur de recherche de fiches techniques de composants électroniques |
|
PLL620-05OC-R Fiches technique(PDF) 3 Page - PhaseLink Corporation |
|
|
|||||||||||||||||||||||||||||
PLL620-05OC-R Fiches technique(HTML) 3 Page - PhaseLink Corporation |
|
3 / 8 page ![]() PLL620-05/-06/-07/-08/-09 Low Phase Noise XO with multipliers (for 100-200MHz Fund or 3rdOT Xtal) Universal Low Phase Noise IC’s 47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 11/01/05 Page 3 ELECTRICAL SPECIFICATIONS 1. Absolute Maximum Ratings PARAMETERS SYMBOL MIN. MAX. UNITS Supply Voltage VDD 4.6 V Input Voltage, dc VI -0.5 VDD+0.5 V Output Voltage, dc VO -0.5 VDD+0.5 V Storage Temperature TS -65 150 °C Ambient Operating Temperature* TA -40 85 °C Junction Temperature TJ 125 °C Lead Temperature (soldering, 10s) 260 °C ESD Protection, Human Body Model 2 kV Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other conditions above the operational limits noted in this specification is not implied. * Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for COMMERCIAL grade only. 2. Crystal Specifications PARAMETERS SYMBOL CONDITIONS MIN. TYP. MAX. UNITS Crystal Resonator Frequency FXIN Fundamental or 3rd overtone* 100 200 MHz Crystal Loading Rating CL (xtal) 5 pF Interelectrode Capacitance C0 5 pF Recommended ESR RE AT cut 30 Ω * Note: 3rd overtone crystals require an external resistor between XIN and XOUT to prevent the fundamental from oscillating. 3. General Electrical Specifications PARAMETERS SYMBOL CONDITIONS MIN. TYP. MAX. UNITS Supply Current (Loaded Outputs) IDD PECL/LVDS/CMOS 100/80/40 mA Operating Voltage VDD 2.97 3.63 V Output Clock Duty Cycle @ 50% VDD (CMOS) @ 1.25V (LVDS) @ VDD – 1.3V (PECL) 45 45 45 50 50 50 55 55 55 % Short Circuit Current ±50 mA |