| Moteur de recherche de fiches techniques de composants électroniques |
|
LTC2414IGN Fiches technique(PDF) 44 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC2414IGN Fiches technique(HTML) 44 Page - Linear Technology |
|
44 / 48 page ![]() LTC2414/LTC2418 44 241418fa ////////// Bidirectional Shift Routine for ADC ////////// void shiftbidir(char nextch) { int i; for(i=0;i<2;i++) // send config bits 7:6, // ignore EOC/ and DMY bits { sdi=nextch.7; // put data on pin nextch = rl(nextch); // get next config bit ready sck=1; // clock high sck=0; // clock low } for(i=0;i<8;i++) // send config, read byte 3 { sdi=nextch.7; // put data on pin nextch = rl(nextch); // get next config bit ready result_3 = rl(result_3);// get ready to load lsb result_3.0 = sdo; // load lsb sck=1; // clock high sck=0; // clock low } for(i=0;i<8;i++) // read byte 2 { result_2 = rl(result_2);// get ready to load lsb result_2.0 = sdo; // load lsb sck=1; // clock high sck=0; // clock low } for(i=0;i<8;i++) // read byte 1 { result_1 = rl(result_1);// get ready to load lsb result_1.0 = sdo; // load lsb sck=1; // clock high sck=0; // clock low } result_0=0; // ensure bits 7:6 are zero for(i=0;i<6;i++) // read byte 0 { result_0 = rl(result_0);// get ready to load lsb result_0.0 = sdo; // load lsb sck=1; // clock high sck=0; // clock low } } Figure 50. Sample Program in CC5X for PIC16F84 (cont) APPLICATIO S I FOR ATIO |