Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PLL620-08OCR Fiches technique(PDF) 7 Page - PhaseLink Corporation

No de pièce PLL620-08OCR
Description  Low Phase Noise XO with multipliers (for 100-200MHz Fund or 3rdOT Xtal)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PLL [PhaseLink Corporation]
Site Internet  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL620-08OCR Fiches technique(HTML) 7 Page - PhaseLink Corporation

  PLL620-08OCR Datasheet HTML 1Page - PhaseLink Corporation PLL620-08OCR Datasheet HTML 2Page - PhaseLink Corporation PLL620-08OCR Datasheet HTML 3Page - PhaseLink Corporation PLL620-08OCR Datasheet HTML 4Page - PhaseLink Corporation PLL620-08OCR Datasheet HTML 5Page - PhaseLink Corporation PLL620-08OCR Datasheet HTML 6Page - PhaseLink Corporation PLL620-08OCR Datasheet HTML 7Page - PhaseLink Corporation PLL620-08OCR Datasheet HTML 8Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PLL620-05/-06/-07/-08/-09
Low Phase Noise XO with multipliers (for 100-200MHz Fund or 3rdOT Xtal)
Universal Low Phase Noise IC’s
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 11/01/05 Page 7
PACKAGE INFORMATION
C
L
A
EH
D
A1
e
B
16 PIN TSSOP ( mm )
Symbol
Min.
Max.
A
-
1.20
A1
0.05
0.15
B0.19
0.30
C0.09
0.20
D4.90
5.10
E4.30
4.50
H6.40 BSC
L0.45
0.75
e0.65 BSC
3mm x 3mm, QFN



Html Pages

1 2 3 4 5 6 7 8