Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PLL620-80DI Fiches technique(PDF) 7 Page - PhaseLink Corporation

No de pièce PLL620-80DI
Description  Low Phase Noise XO (9.5-65MHz Output)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PLL [PhaseLink Corporation]
Site Internet  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL620-80DI Fiches technique(HTML) 7 Page - PhaseLink Corporation

  PLL620-80DI Datasheet HTML 1Page - PhaseLink Corporation PLL620-80DI Datasheet HTML 2Page - PhaseLink Corporation PLL620-80DI Datasheet HTML 3Page - PhaseLink Corporation PLL620-80DI Datasheet HTML 4Page - PhaseLink Corporation PLL620-80DI Datasheet HTML 5Page - PhaseLink Corporation PLL620-80DI Datasheet HTML 6Page - PhaseLink Corporation PLL620-80DI Datasheet HTML 7Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
PLL620-80
Low Phase Noise XO (9.5-65MHz Output)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com Rev 11/09/04 Page 7
ORDERING INFORMATION
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information
furnished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said
information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the
express written approval of the President of PhaseLink Corporation.
For part ordering, please contact our Sales Department:
47745 Fremont Blvd., Fremont, CA 94538, USA
Tel: (510) 492-0990 Fax: (510) 492-0991
PART NUMBER
The order number for this device is a combination of the following:
Device number, Package type and Operating temperature range
PLL620-80 DC
Order Number
Marking
Package Option
PLL620-80DC
P620-80DC
Die – Waffle Pack
PART NUMBER
PACKAGE TYPE
D=DIE
TEMPERATURE
C=COMMERCIAL
I=INDUSTRIAL



Html Pages

1 2 3 4 5 6 7