| Moteur de recherche de fiches techniques de composants électroniques |
|
PLL520-09OC-R Fiches technique(PDF) 8 Page - PhaseLink Corporation |
|
|
|||||||||||||||||||||||||||||
PLL520-09OC-R Fiches technique(HTML) 8 Page - PhaseLink Corporation |
|
8 / 8 page ![]() PLL520-05/-06/-07/-08/-09 Low Phase Noise VCXO with multipliers (for 100-200MHz Fund Xtal) 47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/20/04 Page 8 ORDERING INFORMATION PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information furnished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product. LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the express written approval of the President of PhaseLink Corporation. For part ordering, please contact our Sales Department: 47745 Fremont Blvd., Fremont, CA 94538, USA Tel: (510) 492-0990 Fax: (510) 492-0991 PART NUMBER The order number for this device is a combination of the following: Device number, Package type and Operating temperature range PLL520-0x O C Order Number Marking Package Option PLL520-05OC P520-05OC 16-Pin TSSOP (Tube) PLL520-05OC-R P520-05OC 16-Pin TSSOP (Tape and Reel) PLL520-05QC P520-05QC 16-Pin 3x3 QFN (Tube) PLL520-05QC-R P520-05QC 16-Pin 3x3 QFN (Tape and Reel) PLL520-06QC P520-06QC 16-Pin 3x3 QFN (Tube) PLL520-06QC-R P520-06QC 16-Pin 3x3 QFN (Tape and Reel) PLL520-07OC P520-07OC 16-Pin TSSOP (Tube) PLL520-07OC-R P520-07OC 16-Pin TSSOP (Tape and Reel) PLL520-08OC P520-08OC 16-Pin TSSOP (Tube) PLL520-08OC-R P520-08OC 16-Pin TSSOP (Tape and Reel) PLL520-08QC P520-08QC 16-Pin 3x3 QFN (Tube) PLL520-08QC-R P520-08QC 16-Pin 3x3 QFN (Tape and Reel) PLL520-09OC P520-09OC 16-Pin TSSOP (Tube) PLL520-09OC-R P520-09OC 16-Pin TSSOP (Tape and Reel) PLL520-09QC P520-09QC 16-Pin 3x3 QFN (Tube) PLL520-09QC-R P520-09QC 16-Pin 3x3 QFN (Tape and Reel) PART NUMBER TEMPERATURE C=COMMERCIAL I=INDUSTRAL PACKAGE TYPE O=TSSOP Q=QFN |