Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PLL520-08OC-R Fiches technique(PDF) 7 Page - PhaseLink Corporation

No de pièce PLL520-08OC-R
Description  Low Phase Noise VCXO with multipliers (for 100-200MHz Fund Xtal)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PLL [PhaseLink Corporation]
Site Internet  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL520-08OC-R Fiches technique(HTML) 7 Page - PhaseLink Corporation

  PLL520-08OC-R Datasheet HTML 1Page - PhaseLink Corporation PLL520-08OC-R Datasheet HTML 2Page - PhaseLink Corporation PLL520-08OC-R Datasheet HTML 3Page - PhaseLink Corporation PLL520-08OC-R Datasheet HTML 4Page - PhaseLink Corporation PLL520-08OC-R Datasheet HTML 5Page - PhaseLink Corporation PLL520-08OC-R Datasheet HTML 6Page - PhaseLink Corporation PLL520-08OC-R Datasheet HTML 7Page - PhaseLink Corporation PLL520-08OC-R Datasheet HTML 8Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PLL520-05/-06/-07/-08/-09
Low Phase Noise VCXO with multipliers (for 100-200MHz Fund Xtal)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/20/04 Page 7
PACKAGE INFORMATION
C
L
A
EH
D
A1
e
B
16 PIN TSSOP ( mm )
Symbol
Min.
Max.
A-
1.20
A1
0.05
0.15
B
0.19
0.30
C
0.09
0.20
D
4.90
5.10
E
4.30
4.50
H6.40 BSC
L
0.45
0.75
e0.65 BSC



Html Pages

1 2 3 4 5 6 7 8