Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PL66X-XXQC-R Fiches technique(PDF) 15 Page - PhaseLink Corporation

No de pièce PL66X-XXQC-R
Description  Analog Frequency Multiplier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PLL [PhaseLink Corporation]
Site Internet  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL66X-XXQC-R Fiches technique(HTML) 15 Page - PhaseLink Corporation

Back Button PL66X-XXQC-R Datasheet HTML 7Page - PhaseLink Corporation PL66X-XXQC-R Datasheet HTML 8Page - PhaseLink Corporation PL66X-XXQC-R Datasheet HTML 9Page - PhaseLink Corporation PL66X-XXQC-R Datasheet HTML 10Page - PhaseLink Corporation PL66X-XXQC-R Datasheet HTML 11Page - PhaseLink Corporation PL66X-XXQC-R Datasheet HTML 12Page - PhaseLink Corporation PL66X-XXQC-R Datasheet HTML 13Page - PhaseLink Corporation PL66X-XXQC-R Datasheet HTML 14Page - PhaseLink Corporation PL66X-XXQC-R Datasheet HTML 15Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
Analog Frequency Multiplier
PL660 and PL663 XO Families
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990, FAX (510) 492-0991
www.phaselink.com
Rev. 3/20/07 Page 15
ORDERING INFORMATION
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information
furnished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said
information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the
express written approval of the President of PhaseLink Corporation.
To order parts, please contact our Sales Department:
47745 Fremont Blvd., Fremont, CA 94538, USA
Tel: (510) 492-0990 Fax: (510) 492-0991
PART NUMBER
The order number for this device is a combination of the following:
Device number, Package type and Operating temperature range
PL66X-XX X X X X
Order Number
Marking
Package Option
PL66X-XXOC
P66X-XX OC
TSSOP – Tube
PL66X-XXOC-R
P66X-XX OC
TSSOP – Tape and Reel
PL66X-XXOCL
P66X-XX OC
TSSOP (GREEN)– Tube
PL66X-XXOCL-R
P66X-XX OC
TSSOP (GREEN)– Tape and Reel
PL66X-XXQC
P66X-XX QC
QFN – Tube
PL66X-XXQC-R
P66X-XX QC
QFN – Tape and Reel
PL66X-XXQCL
P66X-XX QC
QFN (GREEN)– Tube
PL66X-XXQCL-R
P66X-XX QC
QFN (GREEN)– Tape and Reel
PART NUMBER
TEMPERATURE
C=COMMERCIAL
I=INDUSTRIAL
PACKAGE TYPE
O=TSSOP
Q= QFN 3x3
NONE= NORMAL PACKAGE
L= GREEN PACKAGE
NONE= TUBE
R= TAPE AND REEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15