Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PL660-08 Fiches technique(PDF) 8 Page - PhaseLink Corporation

No de pièce PL660-08
Description  Analog Frequency Multiplier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PLL [PhaseLink Corporation]
Site Internet  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL660-08 Fiches technique(HTML) 8 Page - PhaseLink Corporation

Back Button PL660-08 Datasheet HTML 4Page - PhaseLink Corporation PL660-08 Datasheet HTML 5Page - PhaseLink Corporation PL660-08 Datasheet HTML 6Page - PhaseLink Corporation PL660-08 Datasheet HTML 7Page - PhaseLink Corporation PL660-08 Datasheet HTML 8Page - PhaseLink Corporation PL660-08 Datasheet HTML 9Page - PhaseLink Corporation PL660-08 Datasheet HTML 10Page - PhaseLink Corporation PL660-08 Datasheet HTML 11Page - PhaseLink Corporation PL660-08 Datasheet HTML 12Page - PhaseLink Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Analog Frequency Multiplier
PL660 and PL663 XO Families
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990, FAX (510) 492-0991
www.phaselink.com
Rev. 3/20/07 Page 8
EXTERNAL COMPONENT VALUES – 3
RD OVERTONE RESISTOR SELECTIONS (R3rd)
This resistor is only required when a third overtone crystal is used. The chart below indicates the calculated and
the nearest “E12” resistor values versus frequency.
PL660-08/09
PL663-07/08/09
PL663-017/18/19
PL663-28/29
Freq.
(MHz)
R3rd
( )
E12
Pick
K
Freq.
(MHz)
R3rd
( )
E12
Pick
K
Freq.
(MHz)
R3rd
( )
E12
Pick
K
Freq.
(MHz)
R3rd
( )
E24
Pick
K
24
12,396
12
30
9,917
10
75
2,125
2.2
140.0
915
0.91
26
11,442
12
32
9,297
10
77.5
2,056
2.2
142.0
902
0.91
28
10,625
10
34
8,750
8.2
80
1,992
2.2
144.0
890
0.91
30
9,917
10
36
8,264
8.2
82.5
1,932
1.8
146.0
878
0.91
32
9,297
10
38
7,829
8.2
85
1,875
1.8
148.0
866
0.91
34
8,750
8.2
40
7,438
6.8
87.5
1,821
1.8
150.0
854
0.82
36
8,264
8.2
42
7,083
6.8
90
1,771
1.8
152.0
843
0.82
38
7,829
8.2
44
6,761
6.8
92.5
1,723
1.8
154.0
832
0.82
40
7,438
6.8
46
6,467
6.8
95
1,678
1.8
156.0
821
0.82
42
7,083
6.8
48
6,198
6.8
97.5
1,635
1.5
158.0
811
0.82
44
6,761
6.8
50
5,950
5.6
100
1,594
1.5
160.0
801
0.82
46
6,467
6.8
52
5,721
5.6
102.5
1,555
1.5
162.0
790
0.82
48
6,198
6.8
54
5,509
5.6
105
1,518
1.5
164.0
780
0.75
50
5,950
5.6
56
5,313
5.6
107.5
1,483
1.5
166.0
770
0.75
52
5,721
5.6
58
5,129
4.7
110
1,449
1.5
168.0
759
0.75
54
5,509
5.6
60
4,958
4.7
112.5
1,417
1.5
170.0
749
0.75
56
5,313
5.6
62
4,798
4.7
115
1,386
1.5
172.0
740
0.75
58
5,129
4.7
64
4,648
4.7
117.5
1,356
1.5
174.0
730
0.75
60
4,958
4.7
66
4,508
4.7
120
1,328
1.2
176.0
720
0.75
62
4,798
4.7
68
4,375
4.7
122.5
1,301
1.2
178.0
711
0.68
64
4,648
4.7
70
4,250
3.9
125
1,275
1.2
180.0
701
0.68
66
4,508
4.7
72
4,132
3.9
127.5
1,250
1.2
182.0
692
0.68
68
4,375
4.7
74
4,020
3.9
130
1,226
1.2
184.0
683
0.68
70
4,250
3.9
76
3,914
3.9
132.5
1,203
1.2
186.0
674
0.68
72
4,132
3.9
78
3,814
3.9
135
1,181
1.2
188.0
665
0.68
74
4,020
3.9
80
3,719
3.9
137.5
1,159
1.2
190.0
656
0.68
76
3,914
3.9
140
1,138
1.2
192.0
647
0.62
194.0
639
0.62
196.0
630
0.62
198.0
622
0.62
200.0
614
0.62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15