Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZDP323B2 Fiches technique(PDF) 13 Page - Zilog, Inc.

No de pièce ZDP323B2
Description  ZDP323B Series Digital PIR Sensor with I2C Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZILOG [Zilog, Inc.]
Site Internet  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZDP323B2 Fiches technique(HTML) 13 Page - Zilog, Inc.

Back Button ZDP323B2 Datasheet HTML 9Page - Zilog, Inc. ZDP323B2 Datasheet HTML 10Page - Zilog, Inc. ZDP323B2 Datasheet HTML 11Page - Zilog, Inc. ZDP323B2 Datasheet HTML 12Page - Zilog, Inc. ZDP323B2 Datasheet HTML 13Page - Zilog, Inc. ZDP323B2 Datasheet HTML 14Page - Zilog, Inc. ZDP323B2 Datasheet HTML 15Page - Zilog, Inc. ZDP323B2 Datasheet HTML 16Page - Zilog, Inc. ZDP323B2 Datasheet HTML 17Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
ZDP323B Series Digital PIR Sensor
Product Specification
____________________________________________________________________________
PS041703-0324 - Preliminary
Page 10
Refer to the flow chart in Figure 13 and the operation example in Figure 14 for more details.
Trigger Output Mode
Enabled
(Config Register B23 = 1)
Signal Output
>
Detection
Threshold
Detection Counter = 1
Signal Output
>
½ Detection
Threshold
Detection Counter = 2
Trigger Output Active
(50us)
Detection Counter = 0
Yes
No
No
Yes
Figure 13 - Detection Counter Flow Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26