Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WSI12065E-R40M Fiches technique(PDF) 5 Page - AiT Semiconductor Inc.

No de pièce WSI12065E-R40M
Description  WIRE WOUND SMD INDUCTOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AITSEMI [AiT Semiconductor Inc.]
Site Internet  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

WSI12065E-R40M Fiches technique(HTML) 5 Page - AiT Semiconductor Inc.

  WSI12065E-R40M Datasheet HTML 1Page - AiT Semiconductor Inc. WSI12065E-R40M Datasheet HTML 2Page - AiT Semiconductor Inc. WSI12065E-R40M Datasheet HTML 3Page - AiT Semiconductor Inc. WSI12065E-R40M Datasheet HTML 4Page - AiT Semiconductor Inc. WSI12065E-R40M Datasheet HTML 5Page - AiT Semiconductor Inc. WSI12065E-R40M Datasheet HTML 6Page - AiT Semiconductor Inc. WSI12065E-R40M Datasheet HTML 7Page - AiT Semiconductor Inc. WSI12065E-R40M Datasheet HTML 8Page - AiT Semiconductor Inc. WSI12065E-R40M Datasheet HTML 9Page - AiT Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AiT Semiconductor Inc.
WSI
www.ait-ic.com
WIRE WOUND SMD INDUCTOR
REV1.1
- 5 -
Part Number
Inductance (uH)
DCR
(mΩ) Typ.
DCR
(mΩ)Max.
Isat (A)
Max.
Irms (A)
Max.
WSI05030E-R20M
0.20
3.50
3.90
14.50
18.00
WSI05030E-R47M
0.47
7.40
8.50
12.00
13.50
WSI05030E-R68M
0.68
11.00
12.00
14.00
8.50
WSI05030E-1R0M
1.00
13.00
14.00
11.00
7.00
WSI05030E-1R2M
1.20
15.00
16.00
11.00
6.50
WSI05030E-1R5M
1.50
20.00
25.00
8.50
6.00
WSI05030E-2R2M
2.20
25.00
29.00
7.50
5.50
WSI05030E-3R3M
3.30
32.00
38.00
6.00
5.00
WSI05030E-4R7M
4.70
50.00
60.00
5.00
3.50
WSI05030E-6R8M
6.80
75.00
90.00
4.00
3.00
WSI05030E-100M
10.00
110.00
125.00
3.50
2.50
* Test Condition: @100KHz, 1.0Vrms, 25℃ Ambient
* M=Tolerance=±20%
* Irms: Rated Current Loading when temperature rise approximately 40℃.
* Isat: Saturated Current measured at the point of L drop approximately 20%
Part Number
Inductance (uH)
DCR
(mΩ) Typ.
DCR
(mΩ)Max.
Isat (A)
Max.
Irms (A)
Max.
WSI06018W-R47M
0.47
8.80
9.30
18.00
11.00
WSI06018W-1R0M
1.00
18.00
18.30
14.00
7.00
WSI06018W-1R5M
1.50
27.40
34.00
11.50
4.00
WSI06018W-2R2M
2.20
44.60
46.00
11.00
3.75
WSI06018W-3R3M
3.30
78.00
84.00
8.00
3.50
WSI06018W-4R7M
4.70
98.00
110.00
5.00
3.00
* Test Condition: @100KHz, 1.0Vrms, 25℃ Ambient
* M=Tolerance=±20%
* Irms: Rated Current Loading when temperature rise approximately 40℃.
* Isat: Saturated Current measured at the point of L drop approximately 20%
Part Number
Inductance (uH)
DCR
(mΩ) Typ.
DCR
(mΩ)Max.
Isat (A)
Max.
Irms (A)
Max.
WSI06018E-R22M
0.22
5.30
5.70
26.00
14.00
WSI06018E-R33M
0.33
6.60
7.00
18.00
12.00
WSI06018E-R47M
0.47
8.40
9.30
18.00
11.00
WSI06018E-R68M
0.68
12.70
13.90
17.00
9.00
WSI06018E-R82M
0.82
13.80
15.90
17.00
8.00
WSI06018E-1R0M
1.00
17.50
18.30
14.00
7.00
WSI06018E-1R5M
1.50
32.60
34.00
11.50
4.00
WSI06018E-2R2M
2.20
40.30
46.00
11.00
3.75
WSI06018E-2R5M
2.50
49.90
52.40
10.40
3.50
WSI06018E-3R3M
3.30
56.20
60.10
10.00
3.25
WSI06018E-4R7M
4.70
76.00
78.00
8.00
3.00
* Test Condition: @100KHz, 1.0Vrms, 25℃ Ambient
* M=Tolerance=±20%
* Irms: Rated Current Loading when temperature rise approximately 40℃.
* Isat: Saturated Current measured at the point of L drop approximately 20%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com