| Moteur de recherche de fiches techniques de composants électroniques |
|
WSI10040L-R78M Fiches technique(PDF) 11 Page - AiT Semiconductor Inc. |
|
|
|||||||||||||||||||||||||||||
WSI10040L-R78M Fiches technique(HTML) 11 Page - AiT Semiconductor Inc. |
|
11 / 17 page ![]() AiT Semiconductor Inc. WSI www.ait-ic.com WIRE WOUND SMD INDUCTOR REV1.1 - 11 - ●RELIABILITY Test Item Test Condition Specification Dimension Actual Size ... Meet Spec Thermal Shock (Temperature Cycle) Temperature: -40 ~ +125℃ kept stabilized for 30 min. each Cycle: 100 Cycles (power off) Elec. no variation Appearance no deformation Humidity Resistance Humidity: 90% ~ 95% RH Temperature: 60 ± 2℃ Test Time: 96 ± 2 Hours Elec. no variation Appearance no deformation High Temperature Temperature: 125 ± 2℃ Testing Time: 96 ± 2 Hours Elec. no variation Appearance no deformation Low Temperature Temperature: -40 ± 2℃ Time: 96 ± 2 Hours Elec. no variation Appearance no deformation Temperature and Humidity Cycle Temperature Humidity Time 25℃ 90% ~ 95% RH 3.0 Hr 55℃ 95% ~ 96% RH 5.0 Hr 25℃ 90% ~ 95% RH 3.0 Hr Cycle: 20 Cycles Elec. no variation Appearance no deformation Vibration Frequency: 10Hz ~ 55Hz,Amplitude: 1.5 mm Direction: X, Y, Z, Time: 2 Hours each Elec. no variation Appearance no deformation Solderability Go through real SMT IR-Reflow .... The profile like our suggest profile. Preheat: 160 ± 10℃ (90 sec) Peak: 245 ± 5℃ Peak Time: 50 Sec. / up 217℃ Elec. no variation Appearance no deformation Soldering Heat Resistance Preheat: 160 ± 10℃ (90 sec) Solder: Sn / Ag / Cu (Pb Free) Solder Temp.: 260 ± 5℃, Time: 3 ± 1 seconds Elec. no variation Appearance no deformation Iron Solder Heat Resistance Solder Temp.: 350 ± 5℃ Flux: Rosin, Time: 3 ± 1 seconds Elec. no variation Appearance no deformation Bending Strength Elec. no variation Appearance no deformation Flexure Strength Elec. no variation Appearance no deformation Terminal Strength Elec. no variation Appearance no deformation High-Voltage 100 V DC between core & winding Elec. no variation Appearance no deformation Load life Temperature: 25 ± 3℃ Load: Allowed DC Current, Test Time: 96 ± 2 Hours Elec. no variation Appearance no deformation |
|
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |