Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMBA2N10AS Fiches technique(PDF) 5 Page - Excelliance MOS Corp.

No de pièce EMBA2N10AS
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXCELLIANCE [Excelliance MOS Corp.]
Site Internet  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMBA2N10AS Fiches technique(HTML) 5 Page - Excelliance MOS Corp.

  EMBA2N10AS Datasheet HTML 1Page - Excelliance MOS Corp. EMBA2N10AS Datasheet HTML 2Page - Excelliance MOS Corp. EMBA2N10AS Datasheet HTML 3Page - Excelliance MOS Corp. EMBA2N10AS Datasheet HTML 4Page - Excelliance MOS Corp. EMBA2N10AS Datasheet HTML 5Page - Excelliance MOS Corp. EMBA2N10AS Datasheet HTML 6Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2019/10/2
p.5
EMBA2N10AS
2.3
2.3
1.50
7.00
B1
B2
B
L3
A1
C
A
P
E
E2
BA2
N10S
ABCDEFG
Ordering & Marking Information:
Device Name: EMBA2N10AS for DPAK (TO252-2)
Outline Drawing
Dimension
A
A1
B
B1
B2
C
D
D2
D3
E
E2
H
L
L1
L2
L3
P
Min.
2.10
0.95
0.30
0.40
0.60
0.40
5.30
6.70
2.20
6.40
4.80
9.20
0.89
0.90
0.50
0.00
2.10
Max.
2.50
1.30
0.85
0.94
1.00
0.60
6.20
7.30
3.00
6.70
5.45
10.15
1.70
1.65
1.10
0.30
2.50
Footprint
EMBA2N10AS: Device Name
ABCDEFG: Date Code



Html Pages

1 2 3 4 5 6