| Moteur de recherche de fiches techniques de composants électroniques |
|
WSI06018W-R47M Fiches technique(PDF) 5 Page - AiT Semiconductor Inc. |
|
|
|||||||||||||||||||||||||||||
WSI06018W-R47M Fiches technique(HTML) 5 Page - AiT Semiconductor Inc. |
|
5 / 17 page ![]() AiT Semiconductor Inc. WSI www.ait-ic.com WIRE WOUND SMD INDUCTOR REV1.1 - 5 - Part Number Inductance (uH) DCR (mΩ) Typ. DCR (mΩ)Max. Isat (A) Max. Irms (A) Max. WSI05030E-R20M 0.20 3.50 3.90 14.50 18.00 WSI05030E-R47M 0.47 7.40 8.50 12.00 13.50 WSI05030E-R68M 0.68 11.00 12.00 14.00 8.50 WSI05030E-1R0M 1.00 13.00 14.00 11.00 7.00 WSI05030E-1R2M 1.20 15.00 16.00 11.00 6.50 WSI05030E-1R5M 1.50 20.00 25.00 8.50 6.00 WSI05030E-2R2M 2.20 25.00 29.00 7.50 5.50 WSI05030E-3R3M 3.30 32.00 38.00 6.00 5.00 WSI05030E-4R7M 4.70 50.00 60.00 5.00 3.50 WSI05030E-6R8M 6.80 75.00 90.00 4.00 3.00 WSI05030E-100M 10.00 110.00 125.00 3.50 2.50 * Test Condition: @100KHz, 1.0Vrms, 25℃ Ambient * M=Tolerance=±20% * Irms: Rated Current Loading when temperature rise approximately 40℃. * Isat: Saturated Current measured at the point of L drop approximately 20% Part Number Inductance (uH) DCR (mΩ) Typ. DCR (mΩ)Max. Isat (A) Max. Irms (A) Max. WSI06018W-R47M 0.47 8.80 9.30 18.00 11.00 WSI06018W-1R0M 1.00 18.00 18.30 14.00 7.00 WSI06018W-1R5M 1.50 27.40 34.00 11.50 4.00 WSI06018W-2R2M 2.20 44.60 46.00 11.00 3.75 WSI06018W-3R3M 3.30 78.00 84.00 8.00 3.50 WSI06018W-4R7M 4.70 98.00 110.00 5.00 3.00 * Test Condition: @100KHz, 1.0Vrms, 25℃ Ambient * M=Tolerance=±20% * Irms: Rated Current Loading when temperature rise approximately 40℃. * Isat: Saturated Current measured at the point of L drop approximately 20% Part Number Inductance (uH) DCR (mΩ) Typ. DCR (mΩ)Max. Isat (A) Max. Irms (A) Max. WSI06018E-R22M 0.22 5.30 5.70 26.00 14.00 WSI06018E-R33M 0.33 6.60 7.00 18.00 12.00 WSI06018E-R47M 0.47 8.40 9.30 18.00 11.00 WSI06018E-R68M 0.68 12.70 13.90 17.00 9.00 WSI06018E-R82M 0.82 13.80 15.90 17.00 8.00 WSI06018E-1R0M 1.00 17.50 18.30 14.00 7.00 WSI06018E-1R5M 1.50 32.60 34.00 11.50 4.00 WSI06018E-2R2M 2.20 40.30 46.00 11.00 3.75 WSI06018E-2R5M 2.50 49.90 52.40 10.40 3.50 WSI06018E-3R3M 3.30 56.20 60.10 10.00 3.25 WSI06018E-4R7M 4.70 76.00 78.00 8.00 3.00 * Test Condition: @100KHz, 1.0Vrms, 25℃ Ambient * M=Tolerance=±20% * Irms: Rated Current Loading when temperature rise approximately 40℃. * Isat: Saturated Current measured at the point of L drop approximately 20% |
|
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |