Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LTC487 Fiches technique(PDF) 4 Page - Linear Technology

No de pièce LTC487
Description  Quad Low Power RS485 Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LTC487 Fiches technique(HTML) 4 Page - Linear Technology

  LTC487_05 Datasheet HTML 1Page - Linear Technology LTC487_05 Datasheet HTML 2Page - Linear Technology LTC487_05 Datasheet HTML 3Page - Linear Technology LTC487_05 Datasheet HTML 4Page - Linear Technology LTC487_05 Datasheet HTML 5Page - Linear Technology LTC487_05 Datasheet HTML 6Page - Linear Technology LTC487_05 Datasheet HTML 7Page - Linear Technology LTC487_05 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LTC487
4
GND (Pin 8): GND connection.
DI3 (Pin 9): Driver 3 input. Refer to DI1.
DO3A (Pin 10): Driver 3 output.
DO3B (Pin 11): Driver 3 output.
EN34 (Pin 12): Driver 3 and 4 outputs enabled. See
Function Table for details.
DO4B (Pin 13): Driver 4 output.
DO4A (Pin 14): Driver 4 output.
DI4 (Pin 15): Driver 4 input. Refer to DI1.
VCC (Pin 16): Positive supply; 4.75 < VCC < 5.25.
DI1 (Pin 1): Driver 1 input. If Driver 1 is enabled, then a low
on DI1 forces the driver outputs DO1A low and DO1B high.
A high on DI1 with the driver outputs enabled will force
DO1A high and DO1B low.
DO1A (Pin 2): Driver 1 output.
DO1B (Pin 3): Driver 1 output.
EN12 (Pin 4): Driver 1 and 2 outputs enabled. See Func-
tion Table for details.
DO2B (Pin 5): Driver 2 output.
DO2A (Pin 6): Driver 2 output.
DI2 (Pin 7): Driver 2 input. Refer to DI1.
PI
FU C
S
TI
INPUT
ENABLES
OUTPUTS
DI
EN12 or EN34
OUT A
OUT B
HH
H
L
LH
L
H
XL
Z
Z
FU CTI
TABLE
Figure 2. Driver Enable and Disable Times
H: High Level
L: Low Level
X: Irrelevant
Z: High Impedance (Off)
TI E WAVEFOR
S
G
WITCHI
S
Figure 1. Driver Propagation Delays
LTC487 • TA06
A, B
EN12
3V
0V
f = 1MHz : t
10ns : t
10ns
VOL
VOH
1.5V
1.5V
5V
OUTPUT NORMALLY LOW
t
ZL
2.3V
t
LZ
0.5V
≤≤
A, B
0V
t
ZH
2.3V
OUTPUT NORMALLY HIGH
t
HZ
0.5V
rf
–VO
LTC487 • TA05
B
A
DI
VO
1/2 VO
3V
0V
tSKEW
1.5V
tPLH
1.5V
tPHL
1/2 VO
V
= V(A) – V(B)
VO
80%
20%
t f
90%
DIFF
10%
tSKEW
tr
f = 1MHz : t
10ns : t
10ns
<<
rf



Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com