Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLC2201ACDR Fiches technique(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
No de pièce TLC2201ACDR
Description  Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TLC2201ACDR Fiches technique(HTML) 64 Page - Texas Instruments

Back Button TLC2201ACDR Datasheet HTML 58Page - Texas Instruments TLC2201ACDR Datasheet HTML 59Page - Texas Instruments TLC2201ACDR Datasheet HTML 60Page - Texas Instruments TLC2201ACDR Datasheet HTML 61Page - Texas Instruments TLC2201ACDR Datasheet HTML 62Page - Texas Instruments TLC2201ACDR Datasheet HTML 63Page - Texas Instruments TLC2201ACDR Datasheet HTML 64Page - Texas Instruments TLC2201ACDR Datasheet HTML 65Page - Texas Instruments TLC2201ACDR Datasheet HTML 66Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 64 / 66 page
background image
Device
Package Pins
Site
Reel
Diameter
(mm)
Reel
Width
(mm)
A0 (mm)
B0 (mm)
K0 (mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TLC2201ACDR
D
8
TAI
330
12
6.4
5.2
2.1
8
12
Q1
TLC2201AIDR
D
8
TAI
330
12
6.4
5.2
2.1
8
12
Q1
TLC2201CDR
D
8
TAI
330
12
6.4
5.2
2.1
8
12
Q1
TLC2201IDR
D
8
TAI
330
12
6.4
5.2
2.1
8
12
Q1
TLC2202ACDR
D
14
TAI
330
16
6.5
9.0
2.5
8
16
Q1
TLC2202ACDR
D
14
FMX
330
0
6.5
9.0
2.5
8
16
Q1
TLC2202CDR
D
14
TAI
330
16
6.5
9.0
2.5
8
16
Q1
TLC2202CDR
D
14
FMX
330
0
6.5
9.0
2.5
8
16
Q1
TLC2202CPSR
PS
8
MLA
330
16
8.2
6.6
2.5
12
16
Q1
TAPE AND REEL BOX INFORMATION
Device
Package
Pins
Site
Length (mm)
Width (mm)
Height (mm)
TLC2201ACDR
D
8
TAI
346.0
346.0
29.0
TLC2201AIDR
D
8
TAI
346.0
346.0
29.0
TLC2201CDR
D
8
TAI
346.0
346.0
29.0
TLC2201IDR
D
8
TAI
346.0
346.0
29.0
TLC2202ACDR
D
14
TAI
346.0
346.0
33.0
TLC2202ACDR
D
14
FMX
342.9
336.6
28.58
TLC2202CDR
D
14
TAI
346.0
346.0
33.0
TLC2202CDR
D
14
FMX
342.9
336.6
28.58
TLC2202CPSR
PS
8
MLA
342.9
336.6
28.58
PACKAGE MATERIALS INFORMATION
www.ti.com
23-May-2007
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66