Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7220 Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce TDA7220
Description  VERY LOW VOLTAGE AM-FM RADIO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7220 Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button TDA7220 Datasheet HTML 8Page - STMicroelectronics TDA7220 Datasheet HTML 9Page - STMicroelectronics TDA7220 Datasheet HTML 10Page - STMicroelectronics TDA7220 Datasheet HTML 11Page - STMicroelectronics TDA7220 Datasheet HTML 12Page - STMicroelectronics TDA7220 Datasheet HTML 13Page - STMicroelectronics TDA7220 Datasheet HTML 14Page - STMicroelectronics TDA7220 Datasheet HTML 15Page - STMicroelectronics TDA7220 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
SO16 PACKAGE MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.75
0.069
a1
0.1
0.25
0.004
0.009
a2
1.6
0.063
b
0.35
0.46
0.014
0.018
b1
0.19
0.25
0.007
0.010
C
0.5
0.020
c1
45 (typ.)
D
9.8
10
0.386
0.394
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
8.89
0.350
F
3.8
4.0
0.150
0.157
L
0.4
1.27
0.016
0.050
M
0.62
0.024
S
8 (max.)
TDA7220
14/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16