Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL1ICS3101U/N5D Fiches technique(PDF) 18 Page - NXP Semiconductors

No de pièce SL1ICS3101U/N5D
Description  I.CODE1 Label IC 97pF Chip Specification
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SL1ICS3101U/N5D Fiches technique(HTML) 18 Page - NXP Semiconductors

Back Button SL1ICS3101U/N5D Datasheet HTML 14Page - NXP Semiconductors SL1ICS3101U/N5D Datasheet HTML 15Page - NXP Semiconductors SL1ICS3101U/N5D Datasheet HTML 16Page - NXP Semiconductors SL1ICS3101U/N5D Datasheet HTML 17Page - NXP Semiconductors SL1ICS3101U/N5D Datasheet HTML 18Page - NXP Semiconductors SL1ICS3101U/N5D Datasheet HTML 19Page - NXP Semiconductors SL1ICS3101U/N5D Datasheet HTML 20Page - NXP Semiconductors SL1ICS3101U/N5D Datasheet HTML 21Page - NXP Semiconductors SL1ICS3101U/N5D Datasheet HTML 22Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Product Specification
SL1 ICS31 01
Rev. 1.2
July 2000
Page 18 of 22
Public
16 Appendix A: Die Plan
Measuring unit: µm
The two test pads (TEST and VSS) are electrically neutral at sawn wafers!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22