Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADN8102ACPZ-R7 Fiches technique(PDF) 22 Page - Analog Devices

No de pièce ADN8102ACPZ-R7
Description  3.75 Gbps Quad Bidirectional CX4 Equalizer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADN8102ACPZ-R7 Fiches technique(HTML) 22 Page - Analog Devices

Back Button ADN8102ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADN8102ACPZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
ADN8102
Rev. C | Page 22 of 36
Table 17. Output Level Settings
VSW-DC (mV)
VSW-PE (mV)
VDPP-DC (mV)
VDPP-PE (mV)
PE (dB)
ITOT (mA)
OUT_A/OUT_B OLEV 0
OUT_A/OUT_B OLEV 1
50
50
100
100
0.00
2
0x00
0x81
50
150
100
300
9.54
6
0x11
0x81
50
250
100
500
13.98
10
0x22
0x81
50
350
100
700
16.90
14
0x33
0x81
50
450
100
900
19.08
18
0x44
0x81
50
550
100
1100
20.83
22
0x55
0x81
50
650
100
1300
22.28
26
0x66
0x81
100
100
200
200
0.00
4
0x00
0x91
100
200
200
400
6.02
8
0x11
0x91
100
300
200
600
9.54
12
0x22
0x91
100
400
200
800
12.04
16
0x33
0x91
100
500
200
1000
13.98
20
0x44
0x91
100
600
200
1200
15.56
24
0x55
0x91
100
700
200
1400
16.90
28
0x66
0x91
150
150
300
300
0.00
6
0x00
0x92
150
250
300
500
4.44
10
0x11
0x92
150
350
300
700
7.36
14
0x22
0x92
150
450
300
900
9.54
18
0x33
0x92
150
550
300
1100
11.29
22
0x44
0x92
150
650
300
1300
12.74
26
0x55
0x92
150
750
300
1500
13.98
30
0x66
0x92
200
200
400
400
0.00
8
0x00
0xA2
200
300
400
600
3.52
12
0x11
0xA2
200
400
400
800
6.02
16
0x22
0xA2
200
500
400
1000
7.96
20
0x33
0xA2
200
600
400
1200
9.54
24
0x44
0xA2
200
700
400
1400
10.88
28
0x55
0xA2
200
800
400
1600
12.04
32
0x66
0xA2
250
250
500
500
0.00
10
0x00
0xA3
250
350
500
700
2.92
14
0x11
0xA3
250
450
500
900
5.11
18
0x22
0xA3
250
550
500
1100
6.85
22
0x33
0xA3
250
650
500
1300
8.30
26
0x44
0xA3
250
750
500
1500
9.54
30
0x55
0xA3
250
850
500
1700
10.63
34
0x66
0xA3
300
300
600
600
0.00
12
0x00
0xB3
300
400
600
800
2.50
16
0x11
0xB3
300
500
600
1000
4.44
20
0x22
0xB3
300
600
600
1200
6.02
24
0x33
0xB3
300
700
600
1400
7.36
28
0x44
0xB3
300
800
600
1600
8.52
32
0x55
0xB3
300
900
600
1800
9.54
36
0x66
0xB3
350
350
700
700
0.00
14
0x00
0xB4
350
450
700
900
2.18
18
0x11
0xB4
350
550
700
1100
3.93
22
0x22
0xB4
350
650
700
1300
5.38
26
0x33
0xB4
350
750
700
1400
6.62
30
0x44
0xB4
350
850
700
1700
7.71
34
0x55
0xB4
350
950
700
1900
8.67
38
0x66
0xB4
400
400
800
800
0.00
16
0x00
0xC4
400
500
800
1000
1.94
20
0x11
0xC4
400
600
800
1200
3.52
24
0x22
0xC4
400
700
800
1400
4.86
28
0x33
0xC4
400
800
800
1600
6.02
32
0x44
0xC4
400
900
800
1800
7.04
36
0x55
0xC4
400
1000
800
2000
7.96
40
0x66
0xC4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36