| Moteur de recherche de fiches techniques de composants électroniques |
|
TX1-R5+ Fiches technique(PDF) 1 Page - Mini-Circuits |
|
|
|||||||||||||||||||||||||||||
TX1-R5+ Fiches technique(HTML) 1 Page - Mini-Circuits |
|
|
1 / 1 page ![]() FREQUENCY (MHz) INSERTION LOSS (dB) INPUT R. LOSS (dB) Ω RATIO FREQUENCY (MHz) INSERTION LOSS* 3 dB MHz 2 dB MHz 1 dB MHz 1 0.8-500 0.8-500 1.2-350 3.2-180 * Insertion Loss is referenced to mid-band loss, 0.7 dB typ. ISO 9001 ISO 14001 CERTIFIED Mini-Circuits® P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com RF/IF MICROWAVE COMPONENTS minicircuits.com ALL NE W 50Ω 0.8 to 500 MHz RF Transformer TX1-R5+ TX1-R5 CASE STYLE: TT240 PRICE: $3.75 ea. QTY (1-9) Maximum Ratings Pin Connections Operating Temperature -20°C to 85°C Storage Temperature -55°C to 100°C RF Power 0.25W DC Current 30mA Transformer Electrical Specifications REV. A M98898 TX1-R5 IG/TD/CP 070515 Typical Performance Data + RoHS compliant in accordance with EU Directive (2002/95/EC) The +Suffix identifies RoHS Compliance. See our web site for RoHS Compliance methodologies and qualifications. TX1-R5 INSERTION LOSS 0.0 1.0 2.0 3.0 4.0 5.0 0 100 200 300 400 500 FREQUENCY (MHz) PRIMARY DOT 4 PRIMARY 6 SECONDARY DOT 3 SECONDARY 1 NOT USED 2,5 Features • wideband, 0.8 to 500 MHz • excellent return loss Applications • VHF/UHF • receivers/transmitters Surface Mount A B C D E F .250 .31 .20 .100 .050 .055 6.35 7.87 5.08 2.54 1.27 1.40 G H J K wt .040 .070 .270 .050 grams 1.02 1.78 6.86 1.27 0.50 Outline Dimensions ( ) inch mm Outline Drawing Config. C PCB Land Pattern Suggested Layout, Tolerance to be within ±.002 0.80 0.87 11.84 1.20 0.87 13.26 2.20 0.87 15.37 3.20 0.86 16.68 91.60 0.74 14.38 180.00 0.92 10.21 265.00 1.32 7.79 350.00 1.28 6.22 425.00 1.87 5.32 500.00 2.01 4.63 |
Numéro de pièce similaire - TX1-R5+ |
|
Description similaire - TX1-R5+ |