| Moteur de recherche de fiches techniques de composants électroniques |
|
PVT412AS-T Fiches technique(PDF) 1 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
PVT412AS-T Fiches technique(HTML) 1 Page - International Rectifier |
|
1 / 5 page ![]() Data Sheet No. PD10060 rev I Series PVT412A & PbF Microelectronic Power IC HEXFET® Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-400V, 240mA AC / 360mA DC General Description The PVT412A Series Photovoltaic Relay is a single- pole, normally open solid-state relay that can replace electromechanical relays in many applications. It util- izes International Rectifier’s proprietary HEXFET power MOSFET as the output switch, driven by an integrated circuit photovoltaic generator of novel construction. The output switch is controlled by radiation from a GaAlAs light emitting diode (LED) which is optically isolated from the photovoltaic generator. These SSRs are specifically designed for industrial control and peripheral telecom applications. Series PVT412A Relays are packaged in a 6-lead molded DIP package with either thru-hole or surface mount (‘gull-wing’) terminals. It is available in stan- dard plastic shipping tubes or on tape-and-reel. Please refer to part identification information . Applications ! Control of AC power line (up to 240 VAC) industrial loads ! Control of DC industrial loads up to +/-300 VDC ! On/Off hook switch ! Dial-pulse generation Part Identification PVT412A & PbF thru-hole PVT412AS & PbF surface-mount PVT412AS-T & PbF surface-mount, Tape and Reel (HEXFET is the registered trademark for International Rectifier Power MOSFETs) Features ! HEXFET Power MOSFET output ! Bounce-free operation ! 4,000 VRMS I/O isolation ! Very low on-resistance (RDD-ON) ! Linear AC/DC operation ! Solid-State Reliability ! UL recognized; pending for lead-free part numbers (PbF) ! ESD Tolerance: 4000V Human Body Model 500V Machine Model www.irf.com 1 |
Numéro de pièce similaire - PVT412AS-T |
|
Description similaire - PVT412AS-T |