| Moteur de recherche de fiches techniques de composants électroniques |
|
CLM1B-RKW-AKW Fiches technique(PDF) 4 Page - Cree LED |
|
|
|||||||||||||||||||||||||||||
CLM1B-RKW-AKW Fiches technique(HTML) 4 Page - Cree LED |
|
4 / 9 page ![]() CLM1B-RKW/AKW: PLCC2 1 IN 1 SMD LED © 2021-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo and the Cree LED logo are registered trademarks of Cree LED. CLD-CT1084 REV 7 4 ORDER CODE TABLE Color Kit Number Luminous Intensity (mcd) Dominant Wavelength Min. Max. Color Bin Min. (nm) Color Bin Max. (nm) Red CLM1B-RKW-CUaVbAA3 450 1120 RA 618 RA 630 Red CLM1B-RKW-CUbVbAA3 560 1120 RA 618 RA 630 Color Kit Number Luminous Intensity (mcd) Dominant Wavelength Min. Max. Color Bin Min. (nm) Color Bin Max. (nm) Amber CLM1B-AKW-CUaVb253 450 1120 A2 584 A5 596 Amber CLM1B-AKW-CUbVb353 560 1120 A3 587 A5 596 Amber CLM1B-AKW-CVaVb353 710 1120 A3 587 A5 596 Notes: • The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one intensity-bin code and one color-bin code will be shipped on each bulk. Single intensity-bin code and single color-bin codes will not be orderable. • Please refer to the HB LED Lamp Reliability Test Standards document for reliability test conditions. • Please refer to the HB LED Lamp Soldering & Handling document for information about how to use this LED product safely. |