Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC4000 Fiches technique(PDF) 39 Page - NXP Semiconductors

No de pièce SC4000
Description  Universal Timeslot Interchange
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC4000 Fiches technique(HTML) 39 Page - NXP Semiconductors

Back Button SC4000 Datasheet HTML 35Page - NXP Semiconductors SC4000 Datasheet HTML 36Page - NXP Semiconductors SC4000 Datasheet HTML 37Page - NXP Semiconductors SC4000 Datasheet HTML 38Page - NXP Semiconductors SC4000 Datasheet HTML 39Page - NXP Semiconductors SC4000 Datasheet HTML 40Page - NXP Semiconductors SC4000 Datasheet HTML 41Page - NXP Semiconductors SC4000 Datasheet HTML 42Page - NXP Semiconductors SC4000 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
2000 Sep 07
39
Philips Semiconductors
Preliminary specification
Universal Timeslot Interchange
SC4000
Figure 9. Microprocessor Interface Timing - Multiplexed Address
Table 9. Microprocessor Interface Timing - Multiplexed Address
Symbol
Parameter
Min
Typ
Max
Unit
t1
ALE pulse width
t2
A_[8:0] setup to ALE
↓
t3
A_[8:0] hold from ALE
↓
ALE
A_[8:0]
t1
t2
t3
20
ns
5ns
5ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52