Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC26C92 Fiches technique(PDF) 26 Page - NXP Semiconductors

No de pièce SC26C92
Description  Dual universal asynchronous receiver/transmitter DUART
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC26C92 Fiches technique(HTML) 26 Page - NXP Semiconductors

Back Button SC26C92 Datasheet HTML 22Page - NXP Semiconductors SC26C92 Datasheet HTML 23Page - NXP Semiconductors SC26C92 Datasheet HTML 24Page - NXP Semiconductors SC26C92 Datasheet HTML 25Page - NXP Semiconductors SC26C92 Datasheet HTML 26Page - NXP Semiconductors SC26C92 Datasheet HTML 27Page - NXP Semiconductors SC26C92 Datasheet HTML 28Page - NXP Semiconductors SC26C92 Datasheet HTML 29Page - NXP Semiconductors SC26C92 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
Philips Semiconductors
Product specification
SC26C92
Dual universal asynchronous receiver/transmitter (DUART)
2000 Jan 31
26
D1
D2
D8
D9
D10
D11
D12
D13
RxD
D12, D13 WILL BE LOST
DUE TO RECEIVER DISABLE.
RECEIVER
ENABLED
RxRDY
(SR0)
FFULL
(SR1)
RxRDY/
FFULL
(OP5)2
RDN
STATUS DATA
D1
STATUS DATA
D2
STATUS DATA
D3
STATUS DATA
D10
D11 WILL BE LOST
DUE TO OVERRUN
OVERRUN
(SR4)
RESET BY COMMAND
RTS1
(OP0)
OPR(0) = 1
NOTES:
1. Timing shown for MR1(7) = 1.
2. Shown for OPCR(4) = 1 and MR(6) = 0.
SD00156
Figure 11. Receiver Timing
TRANSMITTER
ENABLED
TxD
ADD#1
TxRDY
(SR2)
WRN
MR1(4–3) = 11
MR1(2) = 1
1
BIT 9
D0
0
BIT 9
ADD#2 1
BIT 9
MASTER STATION
ADD#1 MR1(2) = 0 D0
MR1(2) = 1 ADD#2
RxD
ADD#1 1
BIT 9
D0
0
BIT 9
ADD#2 1
BIT 9
PERIPHERAL STATION
0
BIT 9
0
BIT 9
RECEIVER
ENABLED
RxRDY
(SR0)
RDN/WRN
MR1(4–3) = 11
ADD#1
STATUS DATA
D0
STATUS DATA
ADD#2
SD00096
Figure 12. Wake-Up Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31