Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM625SIP Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce AM625SIP
Description  AM625SIP – AM6254 Sitara™ Processor with Integrated LPDDR4 SDRAM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

AM625SIP Fiches technique(HTML) 9 Page - Texas Instruments

Back Button AM625SIP Datasheet HTML 5Page - Texas Instruments AM625SIP Datasheet HTML 6Page - Texas Instruments AM625SIP Datasheet HTML 7Page - Texas Instruments AM625SIP Datasheet HTML 8Page - Texas Instruments AM625SIP Datasheet HTML 9Page - Texas Instruments AM625SIP Datasheet HTML 10Page - Texas Instruments AM625SIP Datasheet HTML 11Page - Texas Instruments AM625SIP Datasheet HTML 12Page - Texas Instruments AM625SIP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
4.1 Related Products
Sitara™ processors are a broad family of scalable processors based on Arm® Cortex®-A cores with flexible
accelerators, peripherals, connectivity, and unified software support – perfect for sensors to servers. Sitara
processors have the reliability and functional safety support required for use in industrial and automotive
applications.
Sitara™ microcontrollers are best-in-class Arm®-based 32-bit microcontrollers (MCUs) offering a scalable
portfolio of high-performance and power-efficient devices to help meet your system needs. Bring capabilities
such as functional safety, power efficiency, real-time control, advanced networking, analytics, and security to
your designs.
AM64x Sitara™ processors target industrial applications such as Factory Automation and Control (FAC), and
motor control that utilize Linux application processing cores (Cortex®-A53), real-time processing cores (Cortex®-
R5F), and Industrial Communication Subsystems (PRU_ICSSGs) to support protocols such as EtherCAT,
Profinet, or EtherNet/IP. AM64x implements one CPSW3G and two PRU_ICSSGs for supporting up to five
gigabit Ethernet ports. The device also supports an extensive set of peripherals including a single lane of PCIe
Gen2 or USB SuperSpeed Gen1, functional safety options, secure boot, and run-time security.
AM623 Sitara™ processors are an Internet of Things (IoT) and gateway SoC with Arm® Cortex®-A53-based
object and gesture recognition. The low-cost AM623 Sitara™ MPU family of application processors are built for
Linux® application development. With scalable Arm® Cortex®-A53 performance, embedded features such as
dual-display support, and an extensive set of peripherals make the AM623 device well-suited for a broad range
of industrial and automotive applications.
AM625 Sitara™ processors are a human-machine-interaction SoC with Arm® Cortex®-A53-and full-HD dual
display. The low-cost AM625 Sitara™ MPU family of application processors are built for Linux® application
development. With scalable Arm® Cortex®-A53 performance, embedded features such as dual-display support,
3D graphics acceleration, and an extensive set of peripherals make the AM625 device well-suited for a broad
range of industrial and automotive applications.
AM62A3 Sitara™ and AM62A7 Sitara™ processors are an embedded vision SoC that utilizes 1-4x Cortex
A-53 ARM Cores and 1 or 2 TOPS analytics hardware accelerator. This scalable, high performance AM62Ax
Sitara MPU family of application processors are built for Linux application development. AM62Ax is well suited
for a broad range of industrial and automotive applications with embedded features such as h.264/h.265 encode/
decode, secure boot, image signal processing and a deep learning accelerator.
Products to complete your design:
• Ethernet PHYs
• Power Management / PMICs
• Clocks and timing
• Power Switches
• CAN Transceivers
• ESD Protection
For more details of how these devices are implemented in a system design and a bill of materials for specific
part number recommendations, see the SK-AM62-SIP EVM schematic.
www.ti.com
AM625SIP
SPRSP98A – NOVEMBER 2023 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: AM625SIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26