Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SST26VF032BA Fiches technique(PDF) 41 Page - Microchip Technology

No de pièce SST26VF032BA
Description  2.5V/3.0V 32-Mbit Serial Quad I/O™ (SQI™) Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF032BA Fiches technique(HTML) 41 Page - Microchip Technology

Back Button SST26VF032BA Datasheet HTML 37Page - Microchip Technology SST26VF032BA Datasheet HTML 38Page - Microchip Technology SST26VF032BA Datasheet HTML 39Page - Microchip Technology SST26VF032BA Datasheet HTML 40Page - Microchip Technology SST26VF032BA Datasheet HTML 41Page - Microchip Technology SST26VF032BA Datasheet HTML 42Page - Microchip Technology SST26VF032BA Datasheet HTML 43Page - Microchip Technology SST26VF032BA Datasheet HTML 44Page - Microchip Technology SST26VF032BA Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 82 page
background image
 2013-2022 Microchip Technology Inc. and its subsidiaries
DS20005218K-page 41
SST26VF032B/SST26VF032BA
28
1D0000H-1DFFFFH
64 Kbyte
27
1C0000H-1CFFFFH
64 Kbyte
26
1B0000H-1BFFFFH
64 Kbyte
25
1A0000H-1AFFFFH
64 Kbyte
24
190000H-19FFFFH
64 Kbyte
23
180000H-18FFFFH
64 Kbyte
22
170000H-17FFFFH
64 Kbyte
21
160000H-16FFFFH
64 Kbyte
20
150000H-15FFFFH
64 Kbyte
19
140000H-14FFFFH
64 Kbyte
18
130000H-13FFFFH
64 Kbyte
17
120000H-12FFFFH
64 Kbyte
16
110000H-11FFFFH
64 Kbyte
15
100000H-10FFFFH
64 Kbyte
14
0F0000H-0FFFFFH
64 Kbyte
13
0E0000H-0EFFFFH
64 Kbyte
12
0D0000H-0DFFFFH
64 Kbyte
11
0C0000H-0CFFFFH
64 Kbyte
10
0B0000H-0BFFFFH
64 Kbyte
9
0A0000H-0AFFFFH
64 Kbyte
8
090000H-09FFFFH
64 Kbyte
7
080000H-08FFFFH
64 Kbyte
6
070000H-07FFFFH
64 Kbyte
5
060000H-06FFFFH
64 Kbyte
4
050000H-05FFFFH
64 Kbyte
3
040000H 04FFFFH
64 Kbyte
2
030000H-03FFFFH
64 Kbyte
1
020000H-02FFFFH
64 Kbyte
0
010000H-01FFFFH
64 Kbyte
Note 1: The default state after a Power-on Reset is write-protected
BPR[79:0] = 5555 FFFFFFFF FFFFFFFF FFFFFFFF
2: nVWLDR bits are One-Time Programmable. Once a nVWLDR bit is set, the protection state of that
particular block is permanently write-locked.
TABLE 5-6:
BLOCK PROTECTION REGISTER FOR SST26VF032B/032BA(1)
BPR Bits
Address Range
Protected Block
Size
Read Lock
Write Lock/
nVWLDR(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82