| Moteur de recherche de fiches techniques de composants électroniques |
|
IRFS4310ZPBF Fiches technique(PDF) 2 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRFS4310ZPBF Fiches technique(HTML) 2 Page - International Rectifier |
|
2 / 11 page ![]() IRFB/S/SL4310ZPbF 2 www.irf.com Notes: Calculated continuous current based on maximum allowable junction temperature. Package limitation current is 75A Repetitive rating; pulse width limited by max. junction temperature. Limited by TJmax, starting TJ = 25°C, L = 0.047mH RG = 25Ω, IAS = 75A, VGS =10V. Part not recommended for use above this value. ISD ≤ 75A, di/dt ≤ 600A/μs, VDD ≤ V(BR)DSS, TJ ≤ 175°C.
Pulse width ≤ 400μs; duty cycle ≤ 2%. S D G Coss eff. (TR) is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% VDSS. Coss eff. (ER) is a fixed capacitance that gives the same energy as Coss while VDS is rising from 0 to 80% VDSS. When mounted on 1" square PCB (FR-4 or G-10 Material). For recom mended footprint and soldering techniques refer to application note #AN-994. Rθ is measured at TJ approximately 90°C Static @ TJ = 25°C (unless otherwise specified) Symbol Parameter Min. Typ. Max. Units V(BR)DSS Drain-to-Source Breakdown Voltage 100 ––– ––– V ΔV(BR)DSS/ΔTJ Breakdown Voltage Temp. Coefficient ––– 0.11 ––– V/°C RDS(on) Static Drain-to-Source On-Resistance ––– 4.8 6.0 m Ω VGS(th) Gate Threshold Voltage 2.0 ––– 4.0 V IDSS Drain-to-Source Leakage Current ––– ––– 20 μA ––– ––– 250 IGSS Gate-to-Source Forward Leakage ––– ––– 100 nA Gate-to-Source Reverse Leakage ––– ––– -100 RG Internal Gate Resistance ––– 0.7 ––– Ω Dynamic @ TJ = 25°C (unless otherwise specified) Symbol Parameter Min. Typ. Max. Units gfs Forward Transconductance 150 ––– ––– S Qg Total Gate Charge ––– 120 170 nC Qgs Gate-to-Source Charge ––– 29 ––– Qgd Gate-to-Drain ("Miller") Charge ––– 35 Qsync Total Gate Charge Sync. (Qg - Qgd) ––– 85 ––– td(on) Turn-On Delay Time ––– 20 ––– ns tr Rise Time ––– 60 ––– td(off) Turn-Off Delay Time ––– 55 ––– tf Fall Time ––– 57 ––– Ciss Input Capacitance ––– 6860 ––– pF Coss Output Capacitance ––– 490 ––– Crss Reverse Transfer Capacitance ––– 220 ––– Coss eff. (ER) Effective Output Capacitance (Energy Related) ––– 570 ––– Coss eff. (TR) Effective Output Capacitance (Time Related)h ––– 920 ––– Diode Characteristics Symbol Parameter Min. Typ. Max. Units IS Continuous Source Current ––– ––– 127c A (Body Diode) ISM Pulsed Source Current ––– ––– 560 A (Body Diode) d VSD Diode Forward Voltage ––– ––– 1.3 V trr Reverse Recovery Time ––– 40 ns TJ = 25°C VR = 85V, ––– 49 TJ = 125°C IF = 75A Qrr Reverse Recovery Charge ––– 58 nC TJ = 25°C di/dt = 100A/μs g ––– 89 TJ = 125°C IRRM Reverse Recovery Current ––– 2.5 ––– A TJ = 25°C ton Forward Turn-On Time Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD) ID = 75A RG = 2.7Ω VGS = 10V g VDD = 65V ID = 75A, VDS =0V, VGS = 10V TJ = 25°C, IS = 75A, VGS = 0V g integral reverse p-n junction diode. Conditions VGS = 0V, ID = 250μA Reference to 25°C, ID = 5mA d VGS = 10V, ID = 75A g VDS = VGS, ID = 150μA VDS = 100V, VGS = 0V VDS = 80V, VGS = 0V, TJ = 125°C MOSFET symbol showing the VDS =50V Conditions VGS = 10V g VGS = 0V VDS = 50V ƒ = 1.0MHz, See Fig. 5 VGS = 0V, VDS = 0V to 80V i, See Fig. 11 VGS = 0V, VDS = 0V to 80V h Conditions VDS = 50V, ID = 75A ID = 75A VGS = 20V VGS = -20V |