Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAB9079HS Fiches technique(PDF) 13 Page - NXP Semiconductors

No de pièce SAB9079HS
Description  Multistandard Picture-In-Picture PIP controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAB9079HS Fiches technique(HTML) 13 Page - NXP Semiconductors

Back Button SAB9079HS Datasheet HTML 9Page - NXP Semiconductors SAB9079HS Datasheet HTML 10Page - NXP Semiconductors SAB9079HS Datasheet HTML 11Page - NXP Semiconductors SAB9079HS Datasheet HTML 12Page - NXP Semiconductors SAB9079HS Datasheet HTML 13Page - NXP Semiconductors SAB9079HS Datasheet HTML 14Page - NXP Semiconductors SAB9079HS Datasheet HTML 15Page - NXP Semiconductors SAB9079HS Datasheet HTML 16Page - NXP Semiconductors SAB9079HS Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
2000 Jan 13
13
Philips Semiconductors
Preliminary specification
Multistandard Picture-In-Picture (PIP)
controller
SAB9079HS
Acquisition window
The acquisition window is 720 pixels. This is related to a
whole line of 896 pixels. So for PAL
will be
acquired from the active video. For NTSC this will be
slightly less
.
The vertical acquisition window is 228 lines for NTSC and
276 lines for PAL. Data will be acquired in a 4 :2:2
format. The acquisition clock is 896
× HSYNC.
Acquisition fine positioning
All I2C-bus settings relate to the incoming HSYNC,
whether this is a real HSYNC or a burstkey for horizontal
positioning. The same applys for the incoming VSYNC for
vertical positioning. The relationships between the
acquisition window and the internal clamp pulse are
illustrated in Fig.6. In an application the clamp pulse must
be positioned, by the I2C-bus, between the HSYNC and
the start of the active video of the incoming signal.
Display window
The display window available for PIP pictures is also
720 pixels wide, related to a 896 pixels line. The vertical
display window is 228 lines for NTSC and 276 lines for
PAL.
Background window
The origin of the display window is referenced to the origin
of the background window. The background area is
768 pixels wide. Vertically it is 238 lines for NTSC and
286 lines for PAL.
Display fine positioning
The I2C-bus defined fine positioning has relationships to
the internal HSYNC and VSYNC as illustrated in Fig.7.
720
896
----------
64
µs
×
720
896
----------
63.5
µs
×
Fig.6 Acquisition fine positioning.
handbook, full pagewidth
MGS391
MAHFP
MAVFP
CIDEL
CIPER
228/276 lines
720 pixels
The grey area depicts the background.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48