Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM4040 Fiches technique(PDF) 43 Page - Vishay Siliconix

No de pièce LM4040
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LM4040 Fiches technique(HTML) 43 Page - Vishay Siliconix

Back Button LM4040 Datasheet HTML 39Page - Vishay Siliconix LM4040 Datasheet HTML 40Page - Vishay Siliconix LM4040 Datasheet HTML 41Page - Vishay Siliconix LM4040 Datasheet HTML 42Page - Vishay Siliconix LM4040 Datasheet HTML 43Page - Vishay Siliconix LM4040 Datasheet HTML 44Page - Vishay Siliconix LM4040 Datasheet HTML 45Page - Vishay Siliconix LM4040 Datasheet HTML 46Page - Vishay Siliconix LM4040 Datasheet HTML 47Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 51 page
background image
Device
Package Pins
Site
Reel
Diameter
(mm)
Reel
Width
(mm)
A0 (mm)
B0 (mm)
K0 (mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LM4040D30QDBZR
DBZ
3
NSE
179
8
3.15
2.95
1.22
4
8
Q3
LM4040D30QDBZT
DBZ
3
NSE
179
8
3.15
2.95
1.22
4
8
Q3
LM4040D41IDBZR
DBZ
3
NSE
179
8
3.15
2.95
1.22
4
8
Q3
LM4040D41IDBZT
DBZ
3
NSE
179
8
3.15
2.95
1.22
4
8
Q3
LM4040D41IDCKR
DCK
5
NSE
179
8
2.2
2.5
1.2
4
8
Q3
LM4040D50IDBZR
DBZ
3
NSE
179
8
3.15
2.95
1.22
4
8
Q3
LM4040D50IDBZT
DBZ
3
NSE
179
8
3.15
2.95
1.22
4
8
Q3
LM4040D50IDCKR
DCK
5
NSE
179
8
2.2
2.5
1.2
4
8
Q3
LM4040D50QDBZR
DBZ
3
NSE
179
8
3.15
2.95
1.22
4
8
Q3
LM4040D50QDBZT
DBZ
3
NSE
179
8
3.15
2.95
1.22
4
8
Q3
LM4040D82IDBZR
DBZ
3
NSE
179
8
3.15
2.95
1.22
4
8
Q3
LM4040D82IDBZT
DBZ
3
NSE
179
8
3.15
2.95
1.22
4
8
Q3
LM4040D82IDCKR
DCK
5
NSE
179
8
2.2
2.5
1.2
4
8
Q3
TAPE AND REEL BOX INFORMATION
Device
Package
Pins
Site
Length (mm)
Width (mm)
Height (mm)
LM4040A10IDBZR
DBZ
3
NSE
220.0
205.0
50.0
LM4040A10IDBZT
DBZ
3
NSE
220.0
205.0
50.0
LM4040A10IDCKR
DCK
5
NSE
220.0
205.0
50.0
LM4040A20IDBZR
DBZ
3
NSE
220.0
205.0
50.0
LM4040A20IDBZT
DBZ
3
NSE
220.0
205.0
50.0
LM4040A20IDCKR
DCK
5
NSE
220.0
205.0
50.0
LM4040A25IDBZR
DBZ
3
NSE
220.0
205.0
50.0
LM4040A25IDBZT
DBZ
3
NSE
220.0
205.0
50.0
PACKAGE MATERIALS INFORMATION
www.ti.com
7-May-2007
Pack Materials-Page 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51